Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX4025SB32000F0FLJZZ Fiches technique(PDF) 10 Page - Kyocera Kinseki Corpotation

No de pièce CX4025SB32000F0FLJZZ
Description  Crystal Units Surface Mount Type
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KSS [Kyocera Kinseki Corpotation]
Site Internet  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

CX4025SB32000F0FLJZZ Fiches technique(HTML) 10 Page - Kyocera Kinseki Corpotation

Back Button CX4025SB32000F0FLJZZ Datasheet HTML 6Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 7Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 8Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 9Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 10Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 11Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 12Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 13Page - Kyocera Kinseki Corpotation CX4025SB32000F0FLJZZ Datasheet HTML 14Page - Kyocera Kinseki Corpotation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Features
• Crystal unit for audio-visual, office equipment
• Metal package, leaded type
• A resistance weld hermetic sealed type
• Suitable for high density assembly
and mass production
Applications
• Digital Electronics
• Audio-Visual, Office Equipment
Table1 Motional Series Resistances
Table2 Level of Drive
* Please inqurie about specifications other than the above.
Frequency Range
Motional Series Resistance
Units
ohm
3200 to 3499kHz
3500 to 4099kHz
4100 to 4799kHz
4800 to 5999kHz
6000 to 11999kHz
12000 to 13499kHz
13500 to 33999kHz
30 to 60MHz
300
150
120
100
90
70
50
150
Frequency Range
Level of Drive
Units
W
3200 to 15999kHz
16000 to 24999kHz
25000 to 33999kHz
30 to 60MHz
10 (500 max.)
10 (300 max.)
10 (100 max.)
10 (300 max.)
(Unit : mm)
Pb Free
11.0max.
10.3max.
0.430.05
4.880.2
Recommended Land Pattern
Specifications
Items
Symbol
Specification
Units
Remarks
f_nom
OT
f_tol
f_tem
R1
DL
CL
T_use
T_stg
3200 to 33999, 30 to 60(MHz)
Fundamental, 3rd Overtone
50
50
Table 1
Table 2
12
10 to 70
40 to 85
kHz
––––
10-6
10-6
ohm
W
pF
°C
°C
@ 25°C
ref.@ 25°C Over Operating Temp. Range
How to Order
①Code
②Typical Frequencies
③Load Capacitance
④Frequency Stability
⑤Operating Temperature Range
⑥Frequency Temperature Stability
⑦Special
*Please inquire about frequencies other than the above.
CXH49SFB 03579 H0 P E S ZZ
Code
Freq.(kHz)
Code
Freq.(kHz)
03200
03579
03686
04000
04194
04332
04433
04500
04915
06000
06144
07200
07372
08000
10000
10240
10738
3200.000
3579.545
3686.400
4000.000
4194.304
4332.000
4433.619
4500.000
4915.200
6000.000
6144.000
7200.000
7372.800
8000.000
10000.000
10240.000
10738.635
11000
11059
12000
12288
13500
14318
16000
16934
17280
17734
20000
21477
24000
24576
25000
27000
11000.000
11059.200
12000.000
12288.000
13500.000
14318.180
16000.000
16934.400
17280.000
17734.476
20000.000
21477.270
24000.000
24576.000
25000.000
27000.000
12pF
5010-6
10°C to 70°C
5010-6
H0
P
E
S
ZZ
Custom Specification
Frequency Range
Overtone Order
Frequency Tolerance
Frequency Temp. Characteristics
Motional Series Resistance
Level of Drive
Load Capacitance
Operating Temp. Range
Storage Temp. Range
RoHS Compliant
for Audio & Visual, Office Equipment
Crystal Units
Leaded Type CXH49SFB (HC-49/U-S)
- 43 -


Numéro de pièce similaire - CX4025SB32000F0FLJZZ

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
CX4024 PULSE-CX4024 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
CX4024NL PULSE-CX4024NL Datasheet
197Kb / 2P
   RF SPLITTER, 2-WAY
More results

Description similaire - CX4025SB32000F0FLJZZ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NX8045GB ETC2-NX8045GB Datasheet
43Kb / 1P
   SURFACE MOUNT TYPE CRYSTAL UNITS
logo
Kyocera Kinseki Corpota...
CX1008SB KSS-CX1008SB Datasheet
298Kb / 1P
   Crystal units surface mount type
CT2520DB KSS-CT2520DB_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CX3225SB KSS-CX3225SB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX3225CA KSS-CX3225CA_18 Datasheet
68Kb / 1P
   Crystal units surface mount type
CX2016GR KSS-CX2016GR Datasheet
331Kb / 1P
   Crystal units surface mount type
CX2016SA KSS-CX2016SA Datasheet
296Kb / 1P
   Crystal units surface mount type
CX5032GA KSS-CX5032GA Datasheet
69Kb / 1P
   Crystal units surface mount type
CX5032SA KSS-CX5032SA_18 Datasheet
70Kb / 1P
   Crystal units surface mount type
CT2016DB KSS-CT2016DB Datasheet
69Kb / 1P
   Crystal units surface mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com