Moteur de recherche de fiches techniques de composants électroniques |
|
CX2520SB19200D0FLJZZ Fiches technique(PDF) 10 Page - Kyocera Kinseki Corpotation |
|
CX2520SB19200D0FLJZZ Fiches technique(HTML) 10 Page - Kyocera Kinseki Corpotation |
10 / 27 page Features • Crystal unit for audio-visual, office equipment • Metal package, leaded type • A resistance weld hermetic sealed type • Suitable for high density assembly and mass production Applications • Digital Electronics • Audio-Visual, Office Equipment Table1 Motional Series Resistances Table2 Level of Drive * Please inqurie about specifications other than the above. Frequency Range Motional Series Resistance Units ohm 3200 to 3499kHz 3500 to 4099kHz 4100 to 4799kHz 4800 to 5999kHz 6000 to 11999kHz 12000 to 13499kHz 13500 to 33999kHz 30 to 60MHz 300 150 120 100 90 70 50 150 Frequency Range Level of Drive Units W 3200 to 15999kHz 16000 to 24999kHz 25000 to 33999kHz 30 to 60MHz 10 (500 max.) 10 (300 max.) 10 (100 max.) 10 (300 max.) (Unit : mm) Pb Free 11.0max. 10.3max. 0.430.05 4.880.2 Recommended Land Pattern Specifications Items Symbol Specification Units Remarks f_nom OT f_tol f_tem R1 DL CL T_use T_stg 3200 to 33999, 30 to 60(MHz) Fundamental, 3rd Overtone 50 50 Table 1 Table 2 12 10 to 70 40 to 85 kHz –––– 10-6 10-6 ohm W pF °C °C @ 25°C ref.@ 25°C Over Operating Temp. Range How to Order ② ① ③ ⑦ ⑥ ⑤ ④ ①Code ②Typical Frequencies ③Load Capacitance ④Frequency Stability ⑤Operating Temperature Range ⑥Frequency Temperature Stability ⑦Special *Please inquire about frequencies other than the above. CXH49SFB 03579 H0 P E S ZZ Code Freq.(kHz) Code Freq.(kHz) 03200 03579 03686 04000 04194 04332 04433 04500 04915 06000 06144 07200 07372 08000 10000 10240 10738 3200.000 3579.545 3686.400 4000.000 4194.304 4332.000 4433.619 4500.000 4915.200 6000.000 6144.000 7200.000 7372.800 8000.000 10000.000 10240.000 10738.635 11000 11059 12000 12288 13500 14318 16000 16934 17280 17734 20000 21477 24000 24576 25000 27000 11000.000 11059.200 12000.000 12288.000 13500.000 14318.180 16000.000 16934.400 17280.000 17734.476 20000.000 21477.270 24000.000 24576.000 25000.000 27000.000 12pF 5010-6 10°C to 70°C 5010-6 H0 P E S ZZ Custom Specification Frequency Range Overtone Order Frequency Tolerance Frequency Temp. Characteristics Motional Series Resistance Level of Drive Load Capacitance Operating Temp. Range Storage Temp. Range RoHS Compliant for Audio & Visual, Office Equipment Crystal Units Leaded Type CXH49SFB (HC-49/U-S) - 43 - |
Numéro de pièce similaire - CX2520SB19200D0FLJZZ |
|
Description similaire - CX2520SB19200D0FLJZZ |