Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK17T88-RF25I Fiches technique(PDF) 6 Page - Simtek Corporation

No de pièce STK17T88-RF25I
Description  32K x 8 AutoStore nvSRAM with Real-Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMTEK [Simtek Corporation]
Site Internet  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK17T88-RF25I Fiches technique(HTML) 6 Page - Simtek Corporation

Back Button STK17T88-RF25I Datasheet HTML 2Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 3Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 4Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 5Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 6Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 7Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 8Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 9Page - Simtek Corporation STK17T88-RF25I Datasheet HTML 10Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
Jan, 2008
Document Control #ML0024 Rev 2.0
STK17T88
SRAM READ CYCLES #1 & #2
Note c: W must be high during SRAM READ cycles.
Note d: Device is continuously selected with E and G both low
Note e: Measured
± 200mV from steady state output voltage.
Note f: HSB must remain high during READ and WRITE cycles.
SRAM READ CYCLE #1:
Address Controlledc,d,f
SRAM READ CYCLE #2:
E and G Controlleda,f
NO.
SYMBOLS
PARAMETER
STK17T88-25
STK17T88-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
1
tELQV
tACS
Chip Enable Access Time
25
45
ns
2
tAVAVc
tELEHe
tRC
Read Cycle Time
25
45
ns
3
tAVQVd
tAVQVf
tAA
Address Access Time
25
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
12
20
ns
5
tAXQXd
tAXQX
tOH
Output Hold after Address Change
3
3
ns
6
tELQX
tLZ
Address Change or Chip Enable to
Output Active
3
3
ns
7
tEHQZ
tHZ
Address Change or Chip Disable to
Output Inactive
10
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
ns
9
tGHQZe
tOHZ
Output Disable to Output Inactive
10
15
ns
10
tELICCLc
tPA
Chip Enable to Power Active
0
0
ns
11
tEHICCHc
tPS
Chip Disable to Power Standby
25
45
ns
DATA VALID
5
t AXQX
3
t AVQV
DQ (DATA OUT)
ADDRESS
2
t AVAV
6
tELQ X
ST AND BY
DAT A VAL ID
4
tGL QV
DQ (DATA OUT)
E
ADDRESS
G
ICC
AC T IVE
10
tELI CC H
11
tEHI CC L
7
tEHQ Z
8
tGL QX
1
tEL Q V
9
tGH Q Z
2
tELEH
29
tEHAX
3
tAV QV
27


Numéro de pièce similaire - STK17T88-RF25I

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK17T88-RF25I SIMTEK-STK17T88-RF25I Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK17T88-RF25I CYPRESS-STK17T88-RF25I Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88-RF25ITR SIMTEK-STK17T88-RF25ITR Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK17T88-RF25ITR CYPRESS-STK17T88-RF25ITR Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
More results

Description similaire - STK17T88-RF25I

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK1744 ETC-STK1744 Datasheet
315Kb / 12P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com