Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK14C88 Fiches technique(PDF) 10 Page - Simtek Corporation

No de pièce STK14C88
Description  32Kx8 AutoStore nvSRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMTEK [Simtek Corporation]
Site Internet  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14C88 Fiches technique(HTML) 10 Page - Simtek Corporation

Back Button STK14C88_08 Datasheet HTML 6Page - Simtek Corporation STK14C88_08 Datasheet HTML 7Page - Simtek Corporation STK14C88_08 Datasheet HTML 8Page - Simtek Corporation STK14C88_08 Datasheet HTML 9Page - Simtek Corporation STK14C88_08 Datasheet HTML 10Page - Simtek Corporation STK14C88_08 Datasheet HTML 11Page - Simtek Corporation STK14C88_08 Datasheet HTML 12Page - Simtek Corporation STK14C88_08 Datasheet HTML 13Page - Simtek Corporation STK14C88_08 Datasheet HTML 14Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Feb, 2008
Document Control #ML0014 Rev 2.0
STK14C88
SOFTWARE NONVOLATILE RECALL
A software RECALL cycle is initiated with a sequence
of READ operations in a manner similar to the soft-
ware STORE initiation. To initiate the RECALL cycle,
the following sequence of E controlled READ opera-
tions must be performed:
1.
Read address
0E38 (hex)
Valid READ
2.
Read address
31C7 (hex)
Valid READ
3.
Read address
03E0 (hex)
Valid READ
4.
Read address
3C1F (hex)
Valid READ
5.
Read address
303F (hex)
Valid READ
6.
Read address
0C63 (hex)
Initiate RECALL cycle
Internally, RECALL is a two-step procedure. First, the
SRAM
data is cleared, and second, the nonvolatile
information is transferred into the SRAM cells. After
the t
RECALL cycle time the SRAM will once again be
ready for READ and WRITE operations. The RECALL
operation in no way alters the data in the nonvolatile
elements. The nonvolatile data can be recalled an
unlimited number of times.
AutoStore MODE
The STK14C88 can be powered in one of three
modes.
During normal AutoStore operation, the STK14C88
will draw current from V
CC to charge a capacitor con-
nected to the V
CAP pin. This stored charge will be
used by the chip to perform a single STORE opera-
tion. After power up, when the voltage on the V
CAP
pin drops below V
SWITCH, the part will automatically
disconnect the V
CAP
pin from V
CC
and initiate a
STORE
operation.
Figure 1 shows the proper connection of capacitors
for automatic store operation. A charge storage
capacitor having a capacity of between 68
μF and
220
μF (± 20%) rated at 6V should be provided.
In system power mode, both V
CC and VCAP are con-
nected to the + 5V power supply without the 68
μF
capacitor. In this mode the AutoStore function of the
STK14C88 will operate on the stored system charge
as power goes down. The user must, however,
guarantee that V
CC does not drop below 3.6V during
the 10ms STORE cycle.
If an automatic STORE on power loss is not required,
then V
CC can be tied to ground and + 5V applied to
V
CAP (Figure 2). This is the AutoStore Inhibit mode,
in which the AutoStore function is disabled. If the
STK14C88 is operated in this configuration, refer-
ences to V
CC should be changed to VCAP throughout
this data sheet. In this mode, STORE operations may
be triggered through software control or the HSB
pin. To enable or disable AutoStore using an IO port
pin, see “PREVENTING STORES” on page 12.
In order to prevent unneeded STORE operations,
automatic STOREs as well as those initiated by
externally driving HSB low will be ignored unless at
least one WRITE operation has taken place since the
most recent STORE or RECALL cycle. Software-
initiated STORE cycles are performed regardless of
whether a WRITE operation has taken place.
If the power supply drops faster than 20
μs/volt
before V
CC reaches VSWITCH, then a 2.2 ohm resistor
should be inserted between V
CC and the system sup-
ply to avoid momentary excess of current between
Vcc and Vcap.
Figure 1: AutoStore Mode
1
16
32
31
17
30
+
10k
Ω∗


Numéro de pièce similaire - STK14C88_08

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
More results

Description similaire - STK14C88_08

FabricantNo de pièceFiches techniqueDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
   32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88 Datasheet
378Kb / 12P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com