Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA3122D2 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA3122D2
Description  15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA3122D2 Fiches technique(HTML) 2 Page - Texas Instruments

  TPA3122D2 Datasheet HTML 1Page - Texas Instruments TPA3122D2 Datasheet HTML 2Page - Texas Instruments TPA3122D2 Datasheet HTML 3Page - Texas Instruments TPA3122D2 Datasheet HTML 4Page - Texas Instruments TPA3122D2 Datasheet HTML 5Page - Texas Instruments TPA3122D2 Datasheet HTML 6Page - Texas Instruments TPA3122D2 Datasheet HTML 7Page - Texas Instruments TPA3122D2 Datasheet HTML 8Page - Texas Instruments TPA3122D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PVCCL
SD
MUTE
LIN
RIN
BYPASS
AGND
AGND
PVCCR
VCLAMP
PGNDL
LOUT
BSL
AVCC
AVCC
GAIN0
GAIN1
BSR
ROUT
PGNDR
TPA3122D2
SLOS527A – DECEMBER 2007 – REVISED DECEMBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
N (DIP) PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
20-PIN
NAME
(DIP)
Shutdown signal for IC (low = disabled, high = operational). TTL logic levels with compliance to
SD
2
I
AVCC.
RIN
5
I
Audio input for right channel.
LIN
4
I
Audio input for left channel.
GAIN0
15
I
Gain select least significant bit. TTL logic levels with compliance to AVCC.
GAIN1
14
I
Gain select most significant bit. TTL logic levels with compliance to AVCC.
Mute signal for quick disable/enable of outputs (high = outputs switch at 50% duty cycle; low =
MUTE
3
I
outputs enabled). TTL logic levels with compliance to AVCC.
BSL
18
I/O
Bootstrap I/O for left channel.
PVCCL
1
Power supply for left channel H-bridge, not internally connected to PVCCR or AVCC.
LOUT
19
O
Class-D
-H-bridge positive output for left channel.
PGNDL
20
Power ground for left channel H-bridge.
VCLAMP
9
Internally generated voltage supply for bootstrap capacitors.
BSR
13
I/O
Bootstrap I/O for right channel.
ROUT
12
O
Class-D
-H-bridge negative output for right channel.
PGNDR
11
Power ground for right channel H-bridge.
PVCCR
10
Power supply for right channel H-bridge, not connected to PVCCL or AVCC.
AGND
8
Analog ground for digital/analog cells in core.
AGND
7
Analog Ground for analog cells in core.
Reference for pre-amplifier inputs. Nominally equal to AVCC/8. Also controls start-up time via
BYPASS
6
O
external capacitor sizing.
AVCC
16, 17
High-voltage analog power supply. Not internally connected to PVCCR or PVCCL
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s) :TPA3122D2


Numéro de pièce similaire - TPA3122D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3122D2 TI1-TPA3122D2 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA3122D2

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2 Datasheet
875Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI1-TPA3122D2_14 Datasheet
492Kb / 22P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI1-TPA3107D2_16 Datasheet
1Mb / 33P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3122D2 TI-TPA3122D2_15 Datasheet
423Kb / 21P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI-TPA3124D2 Datasheet
874Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2 Datasheet
751Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI-TPA3121D2_15 Datasheet
1,013Kb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3107D2 TI-TPA3107D2_07 Datasheet
805Kb / 36P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com