Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS495313-DVZ Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce CS495313-DVZ
Description  32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495313-DVZ Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button CS495313-DVZ Datasheet HTML 3Page - Cirrus Logic CS495313-DVZ Datasheet HTML 4Page - Cirrus Logic CS495313-DVZ Datasheet HTML 5Page - Cirrus Logic CS495313-DVZ Datasheet HTML 6Page - Cirrus Logic CS495313-DVZ Datasheet HTML 7Page - Cirrus Logic CS495313-DVZ Datasheet HTML 8Page - Cirrus Logic CS495313-DVZ Datasheet HTML 9Page - Cirrus Logic CS495313-DVZ Datasheet HTML 10Page - Cirrus Logic CS495313-DVZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705PP2
®Copyright 2008 Cirrus Logic, Inc.
7
4. Hardware Functional Description
4.1 DSP Core
The CS4953xx is a dual-core DSP with separate X and Y data and P code memory spaces. Each core is a
high-performance, 32-bit, user-programmable, fixed-point DSP that is capable of performing two memory
access control (MAC) operations per clock cycle. Each core has eight 72-bit accumulators, four X- and four Y-
data registers, and 12 index registers.
Both DSP cores are coupled to a flexible DMA engine. The DMA engine can move data between peripherals
such as the digital audio input (DAI) and digital audio output (DAO), external memory, or any DSP core
memory, all without the intervention of the DSP. The DMA engine offloads data move instructions from the DSP
core, leaving more MIPS available for signal processing instructions.
CS4953xx functionality is controlled by application codes that are stored in on-board ROM or downloaded to
the CS4953xx from a host mcu or external FLASH/EEPROM. Users can choose to use standard audio
decoder and post-processor modules which are available from Cirrus Logic.
The CS4953xx is suitable for Audio Decoder, Audio Post-processor, Audio Encoder, DVD Audio/Video Player,
and Digital Broadcast Decoder applications.
4.1.1 DSP Memory
Each DSP core has its own on-chip data and program RAM and ROM and does not require external memory
for any of today’s popular audio algorithms including Dolby Digital Surround EX, AAC Multichannel, DTS-ES
96/24, and THX Ultra2.
The memory maps for the DSPs are as follows. All memory sizes are composed of 32-bit words.
4.1.2 DMA Controller
The powerful 12-channel DMA controller can move data between 8 on-chip resources. Each resource has its
own arbiter: X, Y, and P RAM/ROMs on DSP A; X, Y, and P RAM/ROMs on DSP B; external memory; and the
peripheral bus. Modulo and linear addressing modes are supported, with flexible start address and increment
controls. The service interval for each DMA channel as well as up to 6 interrupt events, is programmable.
Table 3. CS495303 DSP Memory Sizes
Memory
Type
DSP A
DSP B
X
16k SRAM, 16k ROM
10k SRAM, 8k ROM
Y
16k SRAM, 32k ROM
16k SRAM, 16k ROM
P
8k SRAM, 32k ROM
8k SRAM, 24k ROM
Table 4. CS495313 DSP Memory Sizes
Memory
Type
DSP A
DSP B
X
16k SRAM, 16k ROM
10k SRAM, 8k ROM
Y
24k SRAM, 32k ROM
16k SRAM, 16k ROM
P
8k SRAM, 32k ROM
8k SRAM, 24k ROM


Numéro de pièce similaire - CS495313-DVZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS495313-DVZ CIRRUS-CS495313-DVZ Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
More results

Description similaire - CS495313-DVZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4953XX_0911 CIRRUS-CS4953XX_0911 Datasheet
536Kb / 36P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
   Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
   High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
   High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
   32-bit Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
   32-bit Audio Decoder DSP Family
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
   32-bit Dual Audio DSP Engine
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
   32-bit High Definition Audio Decoder DSP Family
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com