Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMW24D12-625 Fiches technique(PDF) 3 Page - Wall Industries,Inc.

No de pièce DMW24D12-625
Description  Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WALL [Wall Industries,Inc.]
Site Internet  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW24D12-625 Fiches technique(HTML) 3 Page - Wall Industries,Inc.

  DMW24D12-625 Datasheet HTML 1Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 2Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 3Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 4Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 5Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 6Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 7Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 8Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 9Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
DMW Ultra Wide Series
Single and Dual Output
15 Watt DC/DC Converter
4:1 Ultra Wide Input Voltage Range
MECHANICAL DRAWING
PIN CONNECTIONS
PIN
SINGLE OUTPUT
DUAL OUTPUT
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
Remote ON/OFF (Optional)
With Heatsink
Standard
1. All dimensions in Inches (mm)
Tolerance: X.X±0.0.1 (X.X±0.25)
X.XX±0.005 (X.XX±0.13)
2. Pin: ±0.002(±0.05)
The Advantages of adding a Heatsink:
1. To help heat dissipation and increase the stability and
reliability of DC/DC converters at high operating temperature
atmosphere.
2. To upgrade the operating temperature of DC/DC converters,
please refer to the Derating Curve.
The DMW Series converter is encapsulated in a low thermal resistance molding compound that has excellent
resistance/electrical characteristics over a wide temperature range or in high humidity environments.
The encapsulant and unit case are both rated to UL 94V-0 flammability specifications.
Leads are tin plated for improved solderability.


Numéro de pièce similaire - DMW24D12-625

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
DMW24D12-625 WALL-DMW24D12-625 Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
DMW24D12-625 WALL-DMW24D12-625 Datasheet
294Kb / 6P
   Single and Dual Output
More results

Description similaire - DMW24D12-625

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
JFCW24S33-4000 WALL-JFCW24S33-4000 Datasheet
185Kb / 4P
   Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DM12S33-4000 WALL-DM12S33-4000 Datasheet
250Kb / 3P
   Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANEUW WALL-LANEUW Datasheet
262Kb / 9P
   Single and Dual Output 2 Watt DC/DC Converter 4:1 Ultra Wide Input Range
MDW WALL-MDW Datasheet
256Kb / 3P
   Single and Dual Output 20 Watt DC/DC Converter 4:1 Wide Input Voltage Range
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
   Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
LANC8UW WALL-LANC8UW Datasheet
244Kb / 3P
   Single and Dual Output 8 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
LANCUW12 WALL-LANCUW12 Datasheet
243Kb / 3P
   Single and Dual Output 12 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage
MSKUW WALL-MSKUW_16 Datasheet
204Kb / 7P
   5 Watt DC/DC Converter Single and Dual Outputs 4:1 Ultra Wide Input Voltage Range
JRW24S33-2500 WALL-JRW24S33-2500 Datasheet
146Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DBW24S33-33 WALL-DBW24S33-33 Datasheet
162Kb / 3P
   Single and Dual Outputs 40 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com