Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS3391 Fiches technique(PDF) 1 Page - Crystek Corporation

No de pièce CS3391
Description  CLOCK OSCILLATOR WOTH STANDBY MODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRYSTEKCRYSTAL [Crystek Corporation]
Site Internet  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CS3391 Fiches technique(HTML) 1 Page - Crystek Corporation

  CS3391 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-052703 Rev.E
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 4
pin 2
pin 3
Bypass
Cap.
O/P Load
incl Probe Cl
OUT
Oscillator Stopped
GND or "LOW"
Oscillation
OPEN or "HIGH"
GND
OUT
Vdd
SUGGESTED PAD LAYOUT
.071 SQ
(1.80)
.165
(4.19)
.200
(5.08)
.075 Max
(1.80)
.283 Max
(7.20)
.204 Max
(5.02)
P/N DC
Freq
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
.045 ±.008
(1.14 ±.20)
.200 ±.005
(5.08 ±.13)
#1
#3
#2
#4
.055 Typ.
(1.40 Typ.)
Denotes pad 1
0.01uF Bypass Capacitor Recommended
Specifications subject to change without notice.
The CS33xx Series
utilizes
fundamental and 3rd overtone
crystal technology to provide
a low jitter output frequency.
The oscillator is equipped with
power saving standby feature
for battery and other low drain
applications.
Available
on
16mm
tape
and
reel
in
quantities of 1K.
Crystek Part Number Guide
Example: CS3392-44.736MHZ
Example: CSM3392-44.736MHZ
Example: CSE3392-44.736MHZ
Frequency Stability
+/- 100ppm
+/- 50ppm
+/- 25ppm
+/- 20ppm
Temperature
CSM3390
CSM3392
CSM3391
N/A
CSE3390
CSE3392
CSE3391
N/A
-20/ 70°C
-40/ 85°C
0/ 70°C
CS3390
CS3392
CS3391
CS3398
5X7 mm SMD,
3.3V, CMOS
CS33xx Model
Function pin 1
Oscillator State
Open
"1" level .7Vdd Min
"0" level 0.3Vdd Max
Oscillator Active
Oscillator Active
Oscillator Stopped
Standby Function
1.544MHz to 156.250MHz
±20ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
3.3V ± 0.3V
18mA Max
25mA Max
30mA Max
45mA Max
3uA Typ., 10uA Max
CMOS
45/55% Max @ 50% Vdd
5ns Max @ 20% to 80%
4ns Max @ 20% to 80%
3ns Max @ 20% to 80%
2.5ns Max @ 20% to 80%
2ns Max @ 20% to 80%
"0" = 10% Vdd Max
"1" = 90% Vdd Min
10ms Max
30pF Max, >125MHz 15pF Max
0.5ps Typ, 1ps Max
<3ppm 1st/yr, <1ppm every year thereafter
Frequency Range:
Frequency Stability:
Temperature Range:
(Option M)
(Option E)
Storage:
Input Voltage:
Input Current:
1.544~34.00MHz
35.00~50.00MHz
51.00~69.00MHz
70.00~156.25 MHz
Standby Current
Output:
Symmetry:
Rise/Fall Time (into 15pF Load):
1.54~10.00 MHz
10.10~30.00 MHz
30.10~50.00 MHz
50.10~80.00 MHz
80.10~156.25 MHz
Logic:
Start-up Time:
Load:
Jitter RMS: 12KHz~80MHz
Aging:
*Standby Mode output = High Impedance
Le
ad
Fr
ee
Ro
HS
Co
mp
lia
nt
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Numéro de pièce similaire - CS3391

FabricantNo de pièceFiches techniqueDescription
logo
Applied Micro Circuits ...
CS3394 AMCC-CS3394 Datasheet
62Kb / 2P
   SONET/SDH/FEC OC-192 Receiver with EDC Technology
More results

Description similaire - CS3391

FabricantNo de pièceFiches techniqueDescription
logo
Crystek Corporation
CFS33XX CRYSTEKCRYSTAL-CFS33XX Datasheet
116Kb / 1P
   Clock Oscillator With Standby Mode 9x14 mm SMD, 3.3V, CMOS
logo
CRYSTEK CORPORATION
CCHD-957 CRYSTEKMICROWAVE-CCHD-957 Datasheet
759Kb / 2P
   Ultra-Low Phase Noise Oscillator with Standby Mode
logo
Crystek Corporation
CCHD-957 CRYSTEKCRYSTAL-CCHD-957 Datasheet
1Mb / 2P
   Ultra-Low Phase Noise Oscillator with Standby Mode
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com