Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT1320WI-42GT3 Fiches technique(PDF) 10 Page - Catalyst Semiconductor

No de pièce CAT1320WI-42GT3
Description  Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1320WI-42GT3 Fiches technique(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT1320WI-42GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT1320WI-42GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT1320WI-42GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT1320WI-42GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT1320WI-42GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT1320WI-42GT3 Datasheet HTML 11Page - Catalyst Semiconductor CAT1320WI-42GT3 Datasheet HTML 12Page - Catalyst Semiconductor CAT1320WI-42GT3 Datasheet HTML 13Page - Catalyst Semiconductor CAT1320WI-42GT3 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
CAT1320, CAT1321
Doc. No. MD-3014, Rev. B
Figure 9. Page Write Timing
*=Don’t Care Bit
Figure 8. Byte Write Timing
*=Don’t Care Bit
Page Write
The CAT1320/21 writes up to 64 bytes of data in a single
write cycle, using the Page Write operation. The page
write operation is initiated in the same manner as the byte
write operation, however instead of terminating after the
initial byte is transmitted, the Master is allowed to send up
to
additional 63 bytes. After each byte has been
transmitted, the CAT1320/21 will respond with an
acknowledge and internally increment the lower order
address bits by one. The high order bits remain
unchanged.
If the Master transmits more than 64 bytes before sending
the STOP condition, the address counter ‘wraps around,’
and previously transmitted data will be overwritten.
When all 64 bytes are received, and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point, all received data is written to
the CAT1320/21 in a single write cycle.
*
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
A
C
K
** *
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
DATA n+63
DATA
A
C
K
S
T
O
P
A
C
K
DATA n
A
C
K
P
A
C
K
****


Numéro de pièce similaire - CAT1320WI-42GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1320WI-42GT3 CATALYST-CAT1320WI-42GT3 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
More results

Description similaire - CAT1320WI-42GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1640 CATALYST-CAT1640_07 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
N84C163 ONSEMI-N84C163 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
N84C161 ONSEMI-N84C161 Datasheet
98Kb / 11P
   Supervisory Circuits with I2C Serial CMOS EEPROM Precision Reset Controller
September, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com