Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT1023ZD4I-30-GT2 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT1023ZD4I-30-GT2
Description  Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1023ZD4I-30-GT2 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1023ZD4I-30-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1023ZD4I-30-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1023ZD4I-30-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1023ZD4I-30-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1023ZD4I-30-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1023ZD4I-30-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1023ZD4I-30-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1023ZD4I-30-GT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1023ZD4I-30-GT2 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CAT1021, CAT1022, CAT1023
Doc. No. MD-3009 Rev. M
6
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
RESET CIRCUIT AC CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tPURST
Power-Up Reset Timeout
Note 2
130
200
270
ms
tRDP
VTH to RESET output Delay
Note 3
5
µs
tGLITCH
VCC Glitch Reject Pulse Width
Note 4, 5
30
ns
MR Glitch
Manual Reset Glitch Immunity
Note 1
100
ns
tMRW
MR Pulse Width
Note 1
5
µs
tMRD
MR Input to RESET Output Delay
Note 1
1
µs
tWD
Watchdog Timeout
Note 1
1.0
1.6
2.1
sec
POWER-UP TIMING
(5), (6)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tPUR
Power-Up to Read Operation
270
ms
tPUW
Power-Up to Write Operation
270
ms
AC TEST CONDITIONS
Parameter
Test Conditions
Input Pulse Voltages
0.2VCC to 0.8VCC
Input Rise and Fall times
10ns
Input Reference Voltages
0.3VCC , 0.7VCC
Output Reference Voltages
0.5VCC
Output Load
Current Source: IOL = 3mA; CL = 100pF
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Reference Test Method
Min
Max
Units
NEND
(5)
Endurance
MIL-STD-883, Test Method 1033
1,000,000
Cycles/Byte
TDR
(5)
Data Retention
MIL-STD-883, Test Method 1008
100
Years
VZAP
(5)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH
(5)(7)
Latch-Up
JEDEC Standard 17
100
mA
Notes:
(1) Test Conditions according to “AC Test Conditions” table.
(2) Power-up, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table
(3) Power-Down, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to “AC Test Conditions” Table
(4) VCC Glitch Reference Voltage = VTHmin; Based on characterization data
(5) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested.
(6) tPUR and tPUW are the delays required from the time VCC is stable until the specified memory operation can be initiated.
(7) Latch-up protection is provided for stresses up to 100mA on input and output pins from -1V to VCC + 1V.


Numéro de pièce similaire - CAT1023ZD4I-30-GT2

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT1023ZD4I-30-GT2 CATALYST-CAT1023ZD4I-30-GT2 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
More results

Description similaire - CAT1023ZD4I-30-GT2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021_07 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021 Datasheet
627Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI-30 ONSEMI-CAT1023WI-30 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI30 ONSEMI-CAT1023WI30 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com