Moteur de recherche de fiches techniques de composants électroniques |
|
M9306-TWMN3T Fiches technique(PDF) 8 Page - STMicroelectronics |
|
M9306-TWMN3T Fiches technique(HTML) 8 Page - STMicroelectronics |
8 / 27 page Description M93C86, M93C76, M93C66, M93C56, M93C46 8/37 Figure 2. DIP, SO, TSSOP and MLP connections (top view) 1. See Package mechanical data section for package dimensions, and how to identify pin-1. 2. DU = Don’t Use. The DU (do not use) pin does not contribute to the normal operation of the device. It is reserved for use by STMicroelectronics during test sequences. The pin may be left unconnected or may be connected to VCC or VSS. VSS Q ORG DU C SVCC D AI01929B M93Cx6 1 2 3 4 8 7 6 5 |
Numéro de pièce similaire - M9306-TWMN3T |
|
Description similaire - M9306-TWMN3T |