Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT16833 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
SN74ABT16833 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 13 page SN54ABT16833, SN74ABT16833 DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS SCBS097D – FEBRUARY 1991 – REVISED JANUARY 1997 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT16833 SN74ABT16833 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 –1.2 –1.2 V VCC = 4.5 V, IOH = –3 mA 2.5 3 2.5 VOH All outputs VCC = 5 V, IOH = –3 mA 3 3.4 3 3 V VOH except ERR VCC =4 5V IOH = –24 mA 2 V VCC = 4.5 V IOH = –32 mA 2* 2.7 2 VOL VCC =4 5V IOL = 24 mA 0.25 0.55 0.55 V VOL VCC = 4.5 V IOL = 64 mA 0.3 0.55* 0.55 V Vhys 100 mV IOH ERR VCC = 4.5 V, VOH = 5.5 V 20 20 20 µA Ioff VCC = 0, VI or VO ≤ 4.5 V ±100 ±100 µA ICEX Outputs high VCC = 5.5 V, VO = 5.5 V 50 50 50 µA II Control inputs VCC =5 5V VI =VCC or GND ±1 ±1 ±1 µA II A or B ports VCC = 5.5 V, VI = VCC or GND ±100 ±100 ±100 µA IIL A or B ports VCC = 0, VI = GND –50 –50 –50 µA IO‡ VCC = 5.5 V, VO = 2.5 V –50 –100 –180 –50 –180 –50 –180 mA IOZH§ VCC =5.5 V, VO = 2.7 V 50 50 50 µA IOZL§ VCC = 5.5 V, VO = 0.5 V –50 –50 –50 µA VCC = 5.5 V, Outputs high 1.5 2 2 2 ICC A or B ports VCC 5.5 V, IO = 0, Outputs low 28 36 36 36 mA VI = VCC or GND Outputs disabled 1 2 2 2 ∆ICC¶ VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 50 50 50 µA Ci Control inputs VI = 2.5 V or 0.5 V 3 pF Cio A or B ports VO = 2.5 V or 0.5 V 9 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † All typical values are at VCC = 5 V. ‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second. § The parameters IOZH and IOZL include the input leakage current. ¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Numéro de pièce similaire - SN74ABT16833 |
|
Description similaire - SN74ABT16833 |