Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

84145004 Fiches technique(PDF) 28 Page - List of Unclassifed Manufacturers

No de pièce 84145004
Description  SIMM Series Input Modules
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

84145004 Fiches technique(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 84145004 Datasheet HTML 24Page - List of Unclassifed Manufacturers 84145004 Datasheet HTML 25Page - List of Unclassifed Manufacturers 84145004 Datasheet HTML 26Page - List of Unclassifed Manufacturers 84145004 Datasheet HTML 27Page - List of Unclassifed Manufacturers 84145004 Datasheet HTML 28Page - List of Unclassifed Manufacturers 84145004 Datasheet HTML 29Page - List of Unclassifed Manufacturers 84145004 Datasheet HTML 30Page - List of Unclassifed Manufacturers 84145004 Datasheet HTML 31Page - List of Unclassifed Manufacturers 84145004 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
4/14
4
To order, specify:
12,2
90
Ø 4,5
3,20
80,70
4,5
6,80
102,80
9,30
s
Two-phase
s
Complete, compact units
s
Tailor-made solution to current sinks
s
DIN rail and panel mounting
s
Rating: 2 x 25 A
s
Back-to-back SCRs
s
Protection by RC filter
s
Optional protection by removable varistor
s
LED display of input status
s
UL - cUL approval and CE marking
Output specifications
SCR
Voltage range (Vrms max)
48-660
Peak voltage (t=1 min.) (Vpeak)
1200
Maximum current (A)
3 x 25
Maximum off-state leakage (mA)
20 per phase
at Vmax and T = 25 °C
Minimum current (mArms)
100 per phase
Max. 1-cycle surge
500
T=25°C (A peak)
Max. 1-second surge
135
T=25°C (A peak)
On-state voltage drop
1.6
at Imax and T=25°C (Vpeak)
I2t (t=10ms) A2s
1260
Static (off-state) dv/dt (Vµs)
500
Supply frequency range (Hz)
47 to 80
cos
ϕ (Zero voltage)
> 0.5
Rth junction/ambient air
1° C/W
Input specifications
Input voltage (V)
90-280
a
a c
c
4-32
c
c
Drop-out voltage
10 Vrms
1V c
Maximum current
10 mArms
10 mA
(at Vmax)
Nominal input resistance (k
Ω)
45
3
Response time
20 ms
0.5 cycle max.
(close)
Response time
30 ms
0.5 cycle max.
(open)
For instantaneous switching models, turn-on time is less than 100 µs
Characteristics
Operating temperature (°C)
-20 to +80
Storage temperature (°C)
-40 to +100
Input to output insulation voltage (Vrms) 4000
Breakdown voltage (Vrms)
2500
Input/output capacitance (pF)
8
Material
Casing
Self-extinguishing
(UL 94 V0)
Baseplate
Aluminium
Weight (g)
940
Solid state relays with integrated heatsink, DIN rail mounting - GRD range 90 mm
5
0
10
15
20
25
I(A)
t (
° C)
010
20
30
40
50
60
70
1
Part numbers
Zero voltage switching
Rating
Output voltage
Input voltage
SCR
2 x 35 A
48-660 V a
90-280 V a c
84 130 322
4-32 V c
84 130 320
Instantaneous switching
Rating
Output voltage
Input voltage
SCR
2 x 35 A
48-660 V a
4-32 V c
84 130 321
Curves for temperature-dependent derating
GRD range 90 mm - 2 x 25 A
Dimensions
Standard products
Part number
Example: Solid state relay - GRD range - 84 130 222
1


Numéro de pièce similaire - 84145004

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
84145012A TI-84145012A Datasheet
611Kb / 15P
[Old version datasheet]   HEX 2-INPUT OR DRIVERS
8414501RA TI-8414501RA Datasheet
611Kb / 15P
[Old version datasheet]   HEX 2-INPUT OR DRIVERS
More results

Description similaire - 84145004

FabricantNo de pièceFiches techniqueDescription
logo
Crydom Inc.,
SM-IAC5 CRYDOM-SM-IAC5 Datasheet
458Kb / 4P
   SM SERIES INPUT MODULES
SMI-AC5 CRYDOM-SMI-AC5 Datasheet
580Kb / 4P
   SM SERIES INPUT MODULES
logo
National Instruments Co...
NI9201 NI-NI9201 Datasheet
1Mb / 6P
   C Series Analog Input Modules
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com