Moteur de recherche de fiches techniques de composants électroniques |
|
74ALVCH16373DT Fiches technique(PDF) 5 Page - ON Semiconductor |
|
74ALVCH16373DT Fiches technique(HTML) 5 Page - ON Semiconductor |
5 / 12 page 74ALVCH16373 http://onsemi.com 5 AC CHARACTERISTICS (Note 10; tR = tF = 2.0 ns; CL = 30 pF; RL = 500 W) Limits TA = –40°C to +85°C VCC = 3.0 V t o 3.6 V VCC = 2.3 V to 2.7 V VCC = 1.65 V to 1.95 V Symbol Parameter Waveform Min Max Min Max Min Max Unit tPLH tPHL Propagation Delay Dn to On 1 1.0 1.0 3.6 3.6 1.0 1.0 4.5 4.5 1.0 1.0 6.8 6.8 ns tPLH tPHL Propagation Delay LE to On 1 1.0 1.0 3.9 3.9 1.0 1.0 4.9 4.9 1.0 1.0 7.8 7.8 ns tPZH tPZL Output Enable Time to High and Low Level 2 1.0 1.0 4.7 4.7 1.0 1.0 6.0 6.0 1.0 1.0 9.2 9.2 ns tPHZ tPLZ Output Disable Time From High and Low Level 2 1.0 1.0 4.1 4.1 1.0 1.0 5.1 5.1 1.0 1.0 6.8 6.8 ns ts Setup Time, High or Low Dn to LE 3 1.5 1.5 2.5 ns th Hold Time, High or Low Dn to LE 3 1.0 1.0 1.0 ns tw LE Pulse Width, High 3 1.5 1.5 4.0 ns tOSHL tOSLH Output–to–Output Skew (Note 11) 0.5 0.5 0.5 0.5 0.75 0.75 ns 10. For CL = 50 pF, add approximately 300 ps to the AC maximum specification. 11. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH–to–LOW (tOSHL) or LOW–to–HIGH (tOSLH); parameter guaranteed by design. CAPACITIVE CHARACTERISTICS Symbol Parameter Condition Typical Unit CIN Input Capacitance Note 12 6 pF COUT Output Capacitance Note 12 7 pF CPD Power Dissipation Capacitance Note 12, 10 MHz 20 pF 12. VCC = 1.8, 2.5 or 3.3 V; VI = 0V or VCC. Figure 4. AC Waveforms WAVEFORM 1 - PROPAGATION DELAYS tR = tF = 2.0 ns, 10% to 90%; f = 1MHz; tW = 500 ns VIH 0 V VOH VOL Dn On tPHL tPLH Vm Vm Vm Vm |
Numéro de pièce similaire - 74ALVCH16373DT |
|
Description similaire - 74ALVCH16373DT |