Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5544EVAL Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD5544EVAL
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5544EVAL Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD5544EVAL Datasheet HTML 7Page - Analog Devices AD5544EVAL Datasheet HTML 8Page - Analog Devices AD5544EVAL Datasheet HTML 9Page - Analog Devices AD5544EVAL Datasheet HTML 10Page - Analog Devices AD5544EVAL Datasheet HTML 11Page - Analog Devices AD5544EVAL Datasheet HTML 12Page - Analog Devices AD5544EVAL Datasheet HTML 13Page - Analog Devices AD5544EVAL Datasheet HTML 14Page - Analog Devices AD5544EVAL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5544/AD5554
Rev. A | Page 11 of 20
0.75
–2000
0.50
0.25
0
–0.25
–0.50
–0.75
–1500
–1000
–500
0
500
2000
1000
1500
1FFFH
2000H
3000H
0FFFH
OP AMP OFFSET VOLTAGE (
µV)
VDD = 5V
VREF = 10V
TA = 25°C
Figure 10. AD5554 Integral Nonlinearity Error vs. Op Amp Offset
OP AMP OFFSET VOLTAGE (
µV)
1.00
–1000
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
–750
–500
–250
0
250
500
750
1000
VDD = 5V
VREF = 10V
TA = 25°C
8000H
F000H
0FFFH
Figure 11. AD5544 Differential Nonlinearity Error vs. Op Amp Offset
OP AMP OFFSET VOLTAGE (
µV)
0.3
–1500
0.2
0.1
0
–0.1
–0.2
–0.3
–1000
–500
0
500
1500
1000
VDD = 5V
VREF = 10V
TA = 25°C
2000H
3000H
0FFFH
ACCURACY DEGRADATION
DUE TO EXTERNAL OP AMP
INPUT OFFSET VOLTAGE
SPECIFICATION.
Figure 12. AD5554 Differential Nonlinearity Error vs. Op Amp Offset
OP AMP OFFSET VOLTAGE (
µV)
10.0
–1500
7.5
5.0
2.5
0
–2.5
–5.0
–1000
–500
0
500
1000
1500
VDD = 5V
VREF = 10V
TA = 25°C
–7.5
–10.0
Figure 13. AD5544 Gain Error vs. Op Amp Offset
OP AMP OFFSET VOLTAGE (
µV)
4
–1500
3
2
1
0
–1
–2
–3
–5
–1000
–500
0
500
1000
1500
–4
VDD = 5V
VREF = 10V
TA = 25°C
Figure 14. AD5554 Gain Error vs. Op Amp Offset
FULL-SCALE TEMPCO (ppm/
°C)
30
0
20
10
0
0.5
1.0
1.5
SS = 120 UNITS
VDD = 5V
VREF = 10V
TA = –40°C TO +85°C
Figure 15. AD5544 Full-Scale Tempco (ppm/°C)


Numéro de pièce similaire - AD5544EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
logo
Texas Instruments
AD55444 TI-AD55444 Datasheet
770Kb / 25P
[Old version datasheet]   13-BIT 250 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD5544ACPZ-1-R2 AD-AD5544ACPZ-1-R2 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
More results

Description similaire - AD5544EVAL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com