Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24AA02WI-GT Fiches technique(PDF) 3 Page - Catalyst Semiconductor

No de pièce CAT24AA02WI-GT
Description  1-Kb and 2-Kb I2C CMOS Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24AA02WI-GT Fiches technique(HTML) 3 Page - Catalyst Semiconductor

  CAT24AA02WI-GT Datasheet HTML 1Page - Catalyst Semiconductor CAT24AA02WI-GT Datasheet HTML 2Page - Catalyst Semiconductor CAT24AA02WI-GT Datasheet HTML 3Page - Catalyst Semiconductor CAT24AA02WI-GT Datasheet HTML 4Page - Catalyst Semiconductor CAT24AA02WI-GT Datasheet HTML 5Page - Catalyst Semiconductor CAT24AA02WI-GT Datasheet HTML 6Page - Catalyst Semiconductor CAT24AA02WI-GT Datasheet HTML 7Page - Catalyst Semiconductor CAT24AA02WI-GT Datasheet HTML 8Page - Catalyst Semiconductor CAT24AA02WI-GT Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT24AA01, CAT24AA02
© Catalyst Semiconductor, Inc.
3
Doc. No. MD-1120 Rev. B
Characteristics subject to change without notice
A.C. CHARACTERISTICS
(1)
VCC = 1.7 V to 5.5 V, TA = -40°C to 85°C.
Standard
Fast
Symbol
Parameter
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
μs
tLOW
Low Period of SCL Clock
4.7
1.3
μs
tHIGH
High Period of SCL Clock
4
0.6
μs
tSU:STA
START Condition Setup Time
4.7
0.6
μs
tHD:DAT
Data In Hold Time
0
0
μs
tSU:DAT
Data In Setup Time
250
100
ns
tR
SDA and SCL Rise Time
1000
300
ns
tF
(2)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
μs
tBUF
Bus Free Time Between STOP and START
4.7
1.3
μs
tAA
SCL Low to Data Out Valid
3.5
0.9
μs
tDH
Data Out Hold Time
100
100
ns
Ti
(2)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
tSU:WP
WP Setup Time
0
0
μs
tHD:WP
WP Hold Time
2.5
2.5
μs
tWR
Write Cycle Time
5
5
ms
tPU
(2, 3)
Power-up to Ready Mode
1
1
ms
A.C. TEST CONDITIONS
Notes:
(1) Test conditions according to “A.C. Test Conditions” table.
(2) Tested initially and after a design or process change that affects this parameter.
(3) tPU is the delay between the time VCC is stable and the device is ready to accept commands.
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
≤ 50ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IOL = 3mA (VCC ≥ 2.5V); IOL = 1mA (VCC < 2.5V); CL = 100pF


Numéro de pièce similaire - CAT24AA02WI-GT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24AA02WI-GT10 ONSEMI-CAT24AA02WI-GT10 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA02WI-GT3 ONSEMI-CAT24AA02WI-GT3 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
More results

Description similaire - CAT24AA02WI-GT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com