Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC16652DL Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74AC16652DL
Description  16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74AC16652DL Fiches technique(HTML) 8 Page - Texas Instruments

Back Button 74AC16652DL Datasheet HTML 4Page - Texas Instruments 74AC16652DL Datasheet HTML 5Page - Texas Instruments 74AC16652DL Datasheet HTML 6Page - Texas Instruments 74AC16652DL Datasheet HTML 7Page - Texas Instruments 74AC16652DL Datasheet HTML 8Page - Texas Instruments 74AC16652DL Datasheet HTML 9Page - Texas Instruments 74AC16652DL Datasheet HTML 10Page - Texas Instruments 74AC16652DL Datasheet HTML 11Page - Texas Instruments 74AC16652DL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
54AC16652, 74AC16652
16-BIT BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS242A – MARCH 1990 – REVISED APRIL 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
54AC16652
74AC16652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
55
55
55
MHz
tPLH
AorB
BorA
3.6
10.4
13.7
3.6
17.1
3.6
15.6
ns
tPHL
A or B
B or A
4.1
10.9
14.3
4.1
16.3
4.1
15.4
ns
tPLH
CLKBA or CLKAB
AorB
5.1
13.6
17.3
5.1
21.2
5.1
19.5
ns
tPHL
CLKBA or CLKAB
A or B
5.4
13.5
17.2
5.4
19.9
5.4
18.8
ns
tPLH
SBA or SAB
AorB
5.8
15.0
18.7
5.8
23.3
5.8
21.4
ns
tPHL
(with A or B high)
A or B
5.4
13.1
16.7
5.4
19.1
5.4
18.1
ns
tPLH
SBA or SAB
AorB
4.2
11.8
15.2
4.2
18.9
4.2
17.4
ns
tPHL
(with A or B low)
A or B
5.9
14.4
18.3
5.9
21.7
5.9
20.3
ns
tPZH
OEBA
A
4.2
11.8
15.1
4.2
18.8
4.2
17.2
ns
tPZL
OEBA
A
6
16.2
20.6
6
25.3
6
23.5
ns
tPHZ
OEBA
A
4.6
8.1
10
4.6
10.9
4.6
10.6
ns
tPLZ
OEBA
A
4.4
7.6
9.6
4.4
10.6
4.4
10.3
ns
tPZH
OEAB
B
4.1
11.5
14.6
4.1
18.1
4.1
16.6
ns
tPZL
OEAB
B
6
16.0
20
6
24.6
6
22.7
ns
tPHZ
OEAB
B
4.3
7.2
9
4.3
9.7
4.3
9.5
ns
tPLZ
OEAB
B
3.9
6.7
8.6
3.9
9.2
3.9
9.1
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
54AC16652
74AC16652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
95
95
95
MHz
tPLH
AorB
BorA
2.7
6.1
8.8
2.7
10.7
2.7
9.9
ns
tPHL
A or B
B or A
3
6.3
9.2
3
10.8
3
10.2
ns
tPLH
CLKBA or CLKAB
AorB
3.9
7.8
10.9
3.9
13.3
3.9
12.2
ns
tPHL
CLKBA or CLKAB
A or B
4.2
7.8
11.1
4.2
13.2
4.2
12.3
ns
tPLH
SBA or SAB
AorB
4.5
8.8
12.1
4.5
15
4.5
13.8
ns
tPHL
(with A or B high)
A or B
4.1
7.7
11
4.1
12.9
4.1
12.1
ns
tPLH
SBA or SAB
AorB
3.1
6.7
9.7
3.1
11.9
3.1
11
ns
tPHL
(with A or B low)
A or B
4.6
8.8
12.2
4.6
14.9
4.6
13.8
ns
tPZH
OEBA
A
3.1
6.7
9.5
3.1
11.6
3.1
10.7
ns
tPZL
OEBA
A
4.5
8.3
11.8
4.5
14.4
4.5
13.2
ns
tPHZ
OEBA
A
4.6
6.5
8.3
4.6
9
4.6
8.8
ns
tPLZ
OEBA
A
4.1
6.1
8.1
4.1
9.1
4.1
8.7
ns
tPZH
OEAB
B
3.1
6.6
9.3
3.1
11.3
3.1
10.5
ns
tPZL
OEAB
B
4.6
8.2
11.6
4.6
14.1
4.6
13
ns
tPHZ
OEAB
B
4.2
5.9
7.7
4.2
8.3
4.2
8
ns
tPLZ
OEAB
B
3.7
5.5
7.4
3.7
8.3
3.7
7.8
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - 74AC16652DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AC16652DL TI-74AC16652DL Datasheet
189Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results

Description similaire - 74AC16652DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT16646 TI-SN54ABT16646 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652 Datasheet
237Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI-54ACT16646 Datasheet
241Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_07 Datasheet
379Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54AC16652 TI-54AC16652 Datasheet
189Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16646 TI-SN54ABT16646_08 Datasheet
390Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT16652 TI-SN54ABT16652_08 Datasheet
409Kb / 16P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
74AC16646 TI1-74AC16646 Datasheet
218Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16646 TI1-54ACT16646_08 Datasheet
420Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
54ACT16652 TI-54ACT16652 Datasheet
198Kb / 11P
[Old version datasheet]   16-BIT TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com