Moteur de recherche de fiches techniques de composants électroniques |
|
TS972IYD Fiches technique(PDF) 2 Page - STMicroelectronics |
|
TS972IYD Fiches technique(HTML) 2 Page - STMicroelectronics |
2 / 17 page Absolute maximum ratings and operating conditions TS971-TS972-TS974 2/17 1 Absolute maximum ratings and operating conditions Table 1. Absolute maximum ratings AMR Symbol Parameter Value Unit VCC Supply voltage (1) 1. All voltage values, except differential voltage are with respect to network ground terminal. 12 V Vid Differential input voltage (2) 2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. ±1 V Vin Input voltage (3) 3. The magnitude of input and output voltages must never exceed VCC +0.3V. VDD -0.3 to VCC +0.3 V Tstg Storage temperature range -65 to +150 Tj Maximum junction temperature 150 °C Rthja Thermal resistance junction to ambient (4) SOT23-5 DFN8 SO-8 SO-14 TSSOP8 TSSOP14 DIP8 DIP14 4. Short-circuits can cause excessive heating and destructive dissipation. Values are typical. 250 40 125 105 120 100 85 80 °C/W Rthjc Thermal resistance junction to case(4) SOT23-5 DFN8 SO-8 SO-14 TSSOP8 TSSOP14 DIP8 DIP14 81 5.2 40 31 37 32 41 33 °C/W ESD HBM: human body model(5) 5. Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a 1.5k Ω resistor between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating. 2kV MM: machine model(6) 6. Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations while the other pins are floating. 200 V CDM: charged device model(7) 7. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly to the ground through only one pin. This is done for all pins. No value specified for CDM on SOT23-5 package. 1.5 kV Lead temperature (soldering, 10sec) 260 °C |
Numéro de pièce similaire - TS972IYD |
|
Description similaire - TS972IYD |