Moteur de recherche de fiches techniques de composants électroniques |
|
CS101 Fiches technique(PDF) 8 Page - Fujitsu Component Limited. |
|
CS101 Fiches technique(HTML) 8 Page - Fujitsu Component Limited. |
8 / 12 page CS101 Series 8 ■ AC CHARACTERISTICS *1 : Delay time = propagation delay time, enable time, disable time *2 : “typ” is calculated based on the cell specifications. *3 : Measurement condition Note : The values are reference values, which vary depending on the cells. ■ I/O PIN CAPACITANCE Note : The capacitance values vary depending on the package and pin positions. ■ DESIGN METHODS Fujitsu Microelectronics’s Reference Design Flow provides the following functions that help shorten the devel- opment time of large scale and high quality LSIs. • High reliability design estimation in the early stage of physical design realized by physical prototyping. • Layout synthesis with optimized timing realized by physical synthesis tools. • High accuracy design environment considering drop in power supply voltage, signal noise, delay penalty, and crosstalk. • I/O design environment (power line design, assignment and selection of I/Os, package selection) considering noise. ■ PACKAGES Packages available for existing series can be used for CS101 series. This allows smooth replacement with previously developed products. Please contact your Fujitsu Microelectronics agent for details of delivery times. FBGA package : Max 424 pins FC-BGA package : Max 2116 pins PBGA package : Max 420 pins TEBGA package : Max 900 pins (Packages under planning are included.) Parameter Symbol Value Unit Min Typ Max Delay time tpd *1 typ *2 × tmin *3 typ *2 × ttyp *3 typ *2 × tmax *3 ns Measurement condition tmin ttyp tmax VDD = 1.2 V ± 0.1 V, VSS = 0 V, Tj = − 40 °C to +125 °C 0.621.001.57 Parameter Symbol Value Unit Input pin CIN Max16 pF Output pin COUT Max16 pF I/O pin CI/O Max16 pF |
Numéro de pièce similaire - CS101_07 |
|
Description similaire - CS101_07 |