Moteur de recherche de fiches techniques de composants électroniques |
|
CS101 Fiches technique(PDF) 6 Page - Fujitsu Component Limited. |
|
CS101 Fiches technique(HTML) 6 Page - Fujitsu Component Limited. |
6 / 12 page CS101 Series 6 • Dual power supply (VDDE = 3.3 V ± 0.3 V , VDDI = 1.0 V ± 0.1 V/VDDI = 1.2 V ± 0.1 V) (VSS = 0 V) WARNING: The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device’s electrical characteristics are warranted when the device is operated within these ranges. Always use semiconductor devices within their recommended operating condition ranges. Operation outside these ranges may adversely affect reliability and could result in device failure. No warranty is made with respect to uses, operating conditions, or combinations not represented on the data sheet. Users considering application outside the listed conditions are advised to contact their representatives beforehand. Parameter Symbol Value Unit Min Typ Max Power supply voltage VDDE 3.0 3.3 3.6 V VDDI 0.9 1.0 1.1 V 1.1 1.2 1.3 “H” level input voltage 3.3 V CMOS Normal VIH 2.0 ⎯ VDDE + 0.3 V 3.3 V CMOS Schmitt 2.1 ⎯ VDDE + 0.3 V “L” level input voltage 3.3 V CMOS Normal VIL −0.3 ⎯ + 0.8 V 3.3 V CMOS Schmitt −0.3 ⎯ + 0.7 V Schmitt hysteresis voltage VH 0.2 ⎯ 1.4 V Operation junction temperature TJ −40 ⎯+125 °C |
Numéro de pièce similaire - CS101_07 |
|
Description similaire - CS101_07 |