Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPLL66-3160-3380 Fiches technique(PDF) 6 Page - CRYSTEK CORPORATION

No de pièce CPLL66-3160-3380
Description  PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Site Internet  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CPLL66-3160-3380 Fiches technique(HTML) 6 Page - CRYSTEK CORPORATION

  CPLL66-3160-3380 Datasheet HTML 1Page - CRYSTEK CORPORATION CPLL66-3160-3380 Datasheet HTML 2Page - CRYSTEK CORPORATION CPLL66-3160-3380 Datasheet HTML 3Page - CRYSTEK CORPORATION CPLL66-3160-3380 Datasheet HTML 4Page - CRYSTEK CORPORATION CPLL66-3160-3380 Datasheet HTML 5Page - CRYSTEK CORPORATION CPLL66-3160-3380 Datasheet HTML 6Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Programming Crystek p/n: CPLL66-3160-3380
The following is specific programming for CPLL66-3160-3380 (3.160GHz~3.380GHz
with 2500KHz Step Size and 10MHz input reference frequency).
Program all three registers with the following:
Function Latch: 9F8083 H
N Counter Latch: 002741 H
R Counter Latch: 000013 H
The above values will set the CPLL66-3160-3380 to 3.160GHz
Page 6 of 6
0.60" SQ SMD
CPLL66-3160-3380


Numéro de pièce similaire - CPLL66-3160-3380

FabricantNo de pièceFiches techniqueDescription
logo
CRYSTEK CORPORATION
CPLL66-3475-3475 CRYSTEKMICROWAVE-CPLL66-3475-3475 Datasheet
262Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
More results

Description similaire - CPLL66-3160-3380

FabricantNo de pièceFiches techniqueDescription
logo
CRYSTEK CORPORATION
CPLL66-1600-2200 CRYSTEKMICROWAVE-CPLL66-1600-2200 Datasheet
115Kb / 7P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2400-2500 CRYSTEKMICROWAVE-CPLL66-2400-2500 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-3475-3475 CRYSTEKMICROWAVE-CPLL66-3475-3475 Datasheet
262Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-4240-4240 CRYSTEKMICROWAVE-CPLL66-4240-4240 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2175-2175 CRYSTEKMICROWAVE-CPLL66-2175-2175 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2450-2450 CRYSTEKMICROWAVE-CPLL66-2450-2450 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-4160-4380 CRYSTEKMICROWAVE-CPLL66-4160-4380 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
logo
NTE Electronics
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
logo
Linear Technology
LT3042 LINER-LT3042 Datasheet
388Kb / 8P
   PLL/VCO Supply and Reference Board
logo
NTE Electronics
NTE1254 NTE-NTE1254 Datasheet
23Kb / 2P
   Integrated Circuit Phase-Lock Loop (PLL) Frequency Synthesizer for CB
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com