Moteur de recherche de fiches techniques de composants électroniques |
|
STQ1NE10L-AP Fiches technique(PDF) 4 Page - STMicroelectronics |
|
STQ1NE10L-AP Fiches technique(HTML) 4 Page - STMicroelectronics |
4 / 13 page Obsolete Product(s) - Obsolete Product(s) Electrical characteristics STQ1NE10L 4/13 2 Electrical characteristics (TCASE = 25°C unless otherwise specified) Table 3. On/off states Symbol Parameter Test conditions Min. Typ. Max. Unit V(BR)DG Clamped voltage ID = 250µA, VGS = 0 100 V IDSS Zero gate voltage drain current (VGS = 0) VDS = Max rating VDS = Max rating TC = 125°C 1 10 µA µA IGSS Gate-body leakage current (VDS = 0) VGS = ±16 V ±100 nA VGS(th) Gate threshold voltage VDS = VGS, ID = 250µA1 2.5 V RDS(on) Static drain-source ON resistance VGS = 10 V, ID = 0.5 A 0.30 0.40 Ω VGS = 5 V, ID = 0.5 A 0.35 0.45 Ω Table 4. Dynamic Symbol Parameter Test conditions Min. Typ. Max. Unit gfs Forward transconductance VDS = 15 V, ID = 0.5 µA2 S Ciss Coss Crss Input capacitance Output capacitance Reverse transfer capacitance VDS = 25 V, f = 1MHz, VGS = 0 345 45 20 pF pF pF tr(on) tf Turn-on time Rise time VDD = 50 V, ID = 0.5 A, RG =4.7 Ω, VGS = 10 V Figure 12 11 12 ns ns ns td(off) tf Turn-off delay time Fall time VDD = 50 V, ID = 0.5 A RG =4.7Ω, VGS = 5 V Figure 12 20 13 ns ns Qg Qgs Qgd Total gate charge Gate-source charge Gate-drain charge VDD = 80 V, ID = 1A, VGS = 5V Figure 13 7 1.5 3.5 nC nC nC |
Numéro de pièce similaire - STQ1NE10L-AP |
|
Description similaire - STQ1NE10L-AP |