Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ1NE10L Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STQ1NE10L
Description  N-channel 100V - 0.3廓 - 1A - TO-92 STripFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ1NE10L Fiches technique(HTML) 5 Page - STMicroelectronics

  STQ1NE10L_07 Datasheet HTML 1Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 2Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 3Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 4Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 5Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 6Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 7Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 8Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STQ1NE10L
Electrical characteristics
5/13
Table 5.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
Source-drain current
1
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
4
A
VSD
(2)
2.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD=1A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 1A,
di/dt = 100A/µs,
VDD=30V, TJ = 100°C
52
90
3.5
ns
nC
A


Numéro de pièce similaire - STQ1NE10L_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STQ1NE10L STMICROELECTRONICS-STQ1NE10L Datasheet
311Kb / 9P
   N-CHANNEL 100V - 0.3 ohm - 1A TO-92 STripFET??POWER MOSFET
More results

Description similaire - STQ1NE10L_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STQ1NE10L STMICROELECTRONICS-STQ1NE10L Datasheet
311Kb / 9P
   N-CHANNEL 100V - 0.3 ohm - 1A TO-92 STripFET??POWER MOSFET
STP7NE10L STMICROELECTRONICS-STP7NE10L Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
STP7NE10 STMICROELECTRONICS-STP7NE10 Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
   N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10_06 Datasheet
412Kb / 13P
   N-channel 100V - 0.021廓 - 50A - D2PAK STripFET??Power MOSFET
STE250NS10 STMICROELECTRONICS-STE250NS10_06 Datasheet
262Kb / 12P
   N-channel 100V - 0.0045廓 - 220A - ISOTOP STripFET??Power MOSFET
STE180NE10 STMICROELECTRONICS-STE180NE10_07 Datasheet
247Kb / 12P
   N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
2N7000 STMICROELECTRONICS-2N7000_07 Datasheet
355Kb / 14P
   N-channel 60V - 1.8廓 - 0.35A - SOT23-3L / TO-92 STripFET??Power MOSFET
STT1NF100 STMICROELECTRONICS-STT1NF100 Datasheet
97Kb / 6P
   N-CHANNEL 100V - 0.7ohm - 1A SOT23-6L STripFET??II POWER MOSFET
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
   N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com