Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STQ1NE10L Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STQ1NE10L
Description  N-channel 100V - 0.3廓 - 1A - TO-92 STripFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ1NE10L Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STQ1NE10L_07 Datasheet HTML 5Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 6Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 7Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 8Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 9Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 10Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 11Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 12Page - STMicroelectronics STQ1NE10L_07 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STQ1NE10L
Package mechanical data
9/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Numéro de pièce similaire - STQ1NE10L_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STQ1NE10L STMICROELECTRONICS-STQ1NE10L Datasheet
311Kb / 9P
   N-CHANNEL 100V - 0.3 ohm - 1A TO-92 STripFET??POWER MOSFET
More results

Description similaire - STQ1NE10L_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STQ1NE10L STMICROELECTRONICS-STQ1NE10L Datasheet
311Kb / 9P
   N-CHANNEL 100V - 0.3 ohm - 1A TO-92 STripFET??POWER MOSFET
STP7NE10L STMICROELECTRONICS-STP7NE10L Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
STP7NE10 STMICROELECTRONICS-STP7NE10 Datasheet
50Kb / 5P
   N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
   N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
STB50NE10 STMICROELECTRONICS-STB50NE10_06 Datasheet
412Kb / 13P
   N-channel 100V - 0.021廓 - 50A - D2PAK STripFET??Power MOSFET
STE250NS10 STMICROELECTRONICS-STE250NS10_06 Datasheet
262Kb / 12P
   N-channel 100V - 0.0045廓 - 220A - ISOTOP STripFET??Power MOSFET
STE180NE10 STMICROELECTRONICS-STE180NE10_07 Datasheet
247Kb / 12P
   N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
2N7000 STMICROELECTRONICS-2N7000_07 Datasheet
355Kb / 14P
   N-channel 60V - 1.8廓 - 0.35A - SOT23-3L / TO-92 STripFET??Power MOSFET
STT1NF100 STMICROELECTRONICS-STT1NF100 Datasheet
97Kb / 6P
   N-CHANNEL 100V - 0.7ohm - 1A SOT23-6L STripFET??II POWER MOSFET
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
   N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com