Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC23-11GWA Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce TC23-11GWA
Description  58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC23-11GWA Fiches technique(HTML) 1 Page - Kingbright Corporation

  TC23-11GWA Datasheet HTML 1Page - Kingbright Corporation TC23-11GWA Datasheet HTML 2Page - Kingbright Corporation TC23-11GWA Datasheet HTML 3Page - Kingbright Corporation TC23-11GWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2465
REV NO: V.8
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000617
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
Part Number: TC23-11GWA
Green
Features
2.3 INCH MATRIX HEIGHT.
DOT SIZE 5mm.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMPATIBLE WITH ASCII AND EBCDIC CODES.
STACKABLE HORIZONTALLY.
COLUMN CATHODE AND COLUMN ANODE AVAILABLE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MULTICOLOR AVAILABLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE DOT.
RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Numéro de pièce similaire - TC23-11GWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
TC23-11GWA KINGBRIGHT-TC23-11GWA Datasheet
225Kb / 6P
   58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
More results

Description similaire - TC23-11GWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
TBC23-11EGWA KINGBRIGHT-TBC23-11EGWA Datasheet
180Kb / 5P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TA23-11YWA KINGBRIGHT-TA23-11YWA Datasheet
152Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TA23-11GWA KINGBRIGHT-TA23-11GWA Datasheet
152Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TC23-11EWA KINGBRIGHT-TC23-11EWA Datasheet
153Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TBA23-12EGWA KINGBRIGHT-TBA23-12EGWA Datasheet
176Kb / 5P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TC23-11SRWA KINGBRIGHT-TC23-11SRWA Datasheet
151Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TC23-11YWA KINGBRIGHT-TC23-11YWA Datasheet
153Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TA23-11SRWA KINGBRIGHT-TA23-11SRWA Datasheet
151Kb / 4P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TBA23-11EGWA KINGBRIGHT-TBA23-11EGWA Datasheet
180Kb / 5P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TBC23-12EGWA KINGBRIGHT-TBC23-12EGWA Datasheet
176Kb / 5P
   58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com