Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2914DW Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce UC2914DW
Description  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2914DW Fiches technique(HTML) 2 Page - Texas Instruments

  UC2914DW Datasheet HTML 1Page - Texas Instruments UC2914DW Datasheet HTML 2Page - Texas Instruments UC2914DW Datasheet HTML 3Page - Texas Instruments UC2914DW Datasheet HTML 4Page - Texas Instruments UC2914DW Datasheet HTML 5Page - Texas Instruments UC2914DW Datasheet HTML 6Page - Texas Instruments UC2914DW Datasheet HTML 7Page - Texas Instruments UC2914DW Datasheet HTML 8Page - Texas Instruments UC2914DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
2
www.ti.com
DESCRIPTION (continued)
When the output current is less than the fault level, the external output transistor remains switched on. When
the output current exceeds the fault level, but is less than the maximum sourcing level programmed by IMAX,
the output remains switched on, and the fault timer starts to charge CT, a timing capacitor. Once CT charges
to 2.5 V, the output device is turned off and CT is slowly discharged. Once CT is discharged to 0.5 V, the device
performs a retry and the output transistor is switched on again. The UC3914 offers two distinct reset modes.
In one mode with LR left floating or held low, the device tries to reset itself repeatedly if a fault occurs as
described above. In the second mode with LR held high, once a fault occurs, the output is latched off until either
LR is toggled low, the part is shutdown then re−enabled using SD, or the power to the part is turned off and then
on again.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted.(1)(2)
UC2914
UC3914
UNIT
Input supply voltage
VCC
40
Maximum forced voltage
SD, LR
12
V
Maximum forced voltage
IMAX
VCC
V
Maximum current
FAULT
20
mA
Maximum current
PLIM
10
mA
Maximum voltage
FAULT
40
V
Reference output current
internally limited
A
Storage temperature range, Tstg
−65 to 150
Junction temperature range, TJ
−55 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
C
(1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is
not implied. Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability
(2) Currents are positive into and negative out of the specifief terminal unless otherwise noted. All voltage values are with respect to the network
ground terminal.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
5
35
V
Operating free-air temperature range, TA
UC2914
−40
85
°C
Operating free-air temperature range, TA
UC3914
0
70
°C


Numéro de pièce similaire - UC2914DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2914 TI-UC2914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

Description similaire - UC2914DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com