Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC20-11GWA Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce TC20-11GWA
Description  50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC20-11GWA Fiches technique(HTML) 1 Page - Kingbright Corporation

  TC20-11GWA Datasheet HTML 1Page - Kingbright Corporation TC20-11GWA Datasheet HTML 2Page - Kingbright Corporation TC20-11GWA Datasheet HTML 3Page - Kingbright Corporation TC20-11GWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2454
REV NO: V.8
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000583
50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
Part Number: TC20-11GWA
Green
Features
2.0 INCH MATRIX HEIGHT.
DOT SIZE 5mm.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMPATIBLE WITH ASCII AND EBCDIC CODES.
STACKABLE HORIZONTALLY.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
CATEGORIZED FOR LUMINOUS INTENSITY.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE DOT.
RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Numéro de pièce similaire - TC20-11GWA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TC20-11GWA ETC-TC20-11GWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
More results

Description similaire - TC20-11GWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SURKWA KINGBRIGHT-TC20-11SURKWA Datasheet
358Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-22EGWA KINGBRIGHT-TBA20-22EGWA Datasheet
172Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBC20-12EGWA KINGBRIGHT-TBC20-12EGWA Datasheet
171Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com