Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA10-11YWA Fiches technique(PDF) 2 Page - Kingbright Corporation

No de pièce SA10-11YWA
Description  26mm (1.0 2NCH) SINGLE DIGIT NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA10-11YWA Fiches technique(HTML) 2 Page - Kingbright Corporation

  SA10-11YWA Datasheet HTML 1Page - Kingbright Corporation SA10-11YWA Datasheet HTML 2Page - Kingbright Corporation SA10-11YWA Datasheet HTML 3Page - Kingbright Corporation SA10-11YWA Datasheet HTML 4Page - Kingbright Corporation SA10-11YWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD2300
REV NO: V.9
DATE: MAY/24/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000157
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
SA10-11YWA
Yellow (GaAsP/GaP)
WHITE DIFFUSED
3000
16000
Common Anode, Rt.
Hand Decimal
Description
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD [1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Per Segment Or (DP)
Yellow
4.2
(2.1)
5.0
(2.5)
V
IF=20mA
IR
Reverse Current
Per Segment Or (DP)
Yellow
10
(10)
uA
VR=10V
(VR=5V)
Parameter
Yellow
Units
Power dissipation
Per Segment Or (DP)
150
(75)
mW
DC Forward Current
Per Segment Or (DP)
30
(30)
mA
Peak Forward Current [1]
Per Segment Or (DP)
140
(140)
mA
Reverse Voltage
Per Segment Or (DP)
10
(5)
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Numéro de pièce similaire - SA10-11YWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
SA10-11CGKWA KINGBRIGHT-SA10-11CGKWA Datasheet
365Kb / 7P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11EWA KINGBRIGHT-SA10-11EWA Datasheet
219Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11GWA KINGBRIGHT-SA10-11GWA Datasheet
217Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11SRWA KINGBRIGHT-SA10-11SRWA Datasheet
216Kb / 5P
   26mm (1.02 INCH) SINGLE DIGIT NUMERIC DISPLAY
SA10-11SURKWA KINGBRIGHT-SA10-11SURKWA Datasheet
371Kb / 7P
   26mm (1.02INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Description similaire - SA10-11YWA

FabricantNo de pièceFiches techniqueDescription
logo
SunLED Corporation
DUG25A-1 SUNLED-DUG25A-1 Datasheet
205Kb / 5P
   26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
DUY25C-1 SUNLED-DUY25C-1 Datasheet
203Kb / 5P
   26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
DUR25C-1 SUNLED-DUR25C-1 Datasheet
206Kb / 5P
   26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
DMR25C-1 SUNLED-DMR25C-1 Datasheet
204Kb / 5P
   26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SA10-11SURKWA KINGBRIGHT-SA10-11SURKWA Datasheet
371Kb / 7P
   26mm (1.02INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR25A-1 SUNLED-DMR25A-1 Datasheet
203Kb / 5P
   26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
DUR25A-1 SUNLED-DUR25A-1 Datasheet
206Kb / 5P
   26mm (1.02 ") SINGLE DIGIT NUMERIC DISPLAY
DUY25A-1 SUNLED-DUY25A-1 Datasheet
204Kb / 5P
   26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
DUG25C-1 SUNLED-DUG25C-1 Datasheet
205Kb / 5P
   26mm (1.02 ) SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SC10-11SURKWA KINGBRIGHT-SC10-11SURKWA Datasheet
376Kb / 7P
   26mm (1.02INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com