Moteur de recherche de fiches techniques de composants électroniques |
|
M27C1001-15L3TR Fiches technique(PDF) 5 Page - STMicroelectronics |
|
M27C1001-15L3TR Fiches technique(HTML) 5 Page - STMicroelectronics |
5 / 17 page 5/17 M27C1001 Table 7. Read Mode DC Characteristics (1) (TA = 0 to 70°C, –40 to 85°C or –40 to 125°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Maximum DC voltage on Output is VCC +0.5V. Table 8A. Read Mode AC Characteristics (1) (TA = 0 to 70°C, –40 to 85°C or –40 to 125°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. 3. Speed obtained with High Speed AC measurement conditions. Symbol Parameter Test Condition Min Max Unit ILI Input Leakage Current 0V ≤ VIN ≤ VCC ±10 µA ILO Output Leakage Current 0V ≤ VOUT ≤ VCC ±10 µA ICC Supply Current E = VIL, G = VIL, IOUT = 0mA, f = 5MHz 30 mA ICC1 Supply Current (Standby) TTL E = VIH 1mA ICC2 Supply Current (Standby) CMOS E > VCC – 0.2V 100 µA IPP Program Current VPP = VCC 10 µA VIL Input Low Voltage –0.3 0.8 V VIH (2) Input High Voltage 2 VCC + 1 V VOL Output Low Voltage IOL = 2.1mA 0.4 V VOH Output High Voltage TTL IOH = –400µA 2.4 V Output High Voltage CMOS IOH = –100µA VCC – 0.7V V Symbol Alt Parameter Test Condition M27C1001 Unit -35 (3) -45 -60 -70 Min Max Min Max Min Max Min Max tAVQV tACC Address Valid to Output Valid E = VIL, G = VIL 35 45 60 70 ns tELQV tCE Chip Enable Low to Output Valid G = VIL 35 45 60 70 ns tGLQV tOE Output Enable Low to Output Valid E = VIL 25 25 30 35 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G = VIL 025025 0 30030 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E = VIL 025025 0 30030 ns tAXQX tOH Address Transition to Output Transition E = VIL, G = VIL 00 00 ns Two Line Output Control Because EPROMs are usually used in larger memory arrays, this product features a 2 line con- trol function which accommodates the use of mul- tiple memory connection. The two line control function allows: a. the lowest possible memory power dissipation, b. complete assurance that output bus contention will not occur. For the most efficient use of these two control lines, E should be decoded and used as the prima- ry device selecting function, while G should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This ensures that all deselect- ed memory devices are in their low power standby mode and that the output pins are only active when data is required from a particular memory device. |
Numéro de pièce similaire - M27C1001-15L3TR |
|
Description similaire - M27C1001-15L3TR |