Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSC12-11YWA Fiches technique(PDF) 2 Page - Kingbright Corporation

No de pièce PSC12-11YWA
Description  30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

PSC12-11YWA Fiches technique(HTML) 2 Page - Kingbright Corporation

  PSC12-11YWA Datasheet HTML 1Page - Kingbright Corporation PSC12-11YWA Datasheet HTML 2Page - Kingbright Corporation PSC12-11YWA Datasheet HTML 3Page - Kingbright Corporation PSC12-11YWA Datasheet HTML 4Page - Kingbright Corporation PSC12-11YWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD2408
REV NO: V.8
DATE: JUN/01/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP: 1311000145
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
PSC12-11YWA
YELLOW (GaAsP/GaP)
WHITE DIFFUSED
1200
4700
Common Cathode, Rt.
Hand Decimal
Description
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Parameter
Yellow
Units
Power dissipation
c,d,g,h,k,m,n,s,r,t
150
mW
a,b,e,f,p,u and DP
75
DC Forward Current
c,d,g,h,k,m,n,s,r,t
30
mA
a,b,e,f,p,u and DP
Peak Forward
Current [1]
c,d,g,h,k,m,n,s,r,t
mA
a,b,e,f,p,u and DP
Reverse Voltage
c,d,g,h,k,m,n,s,r,t
10
V
a,b,e,f,p,u and DP
5
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3-5 Seconds
140
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD[1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF[2]
Forward
Voltage
c,d,g,h,k,m,n,s,r,t
Yellow
4.2
5.0
V
IF=20mA
a,b,e,f,p,u and DP
2.1
2.5
IR
Reverse
Current
c,d,g,h,k,m,n,s,r,t
Yellow
10
uA
a,b,e,f,p,u and DP
10
VR = 10V
VR = 5V
uA
Note:
1. Luminous Intensity/ Luminous Flux: +/-15%.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Numéro de pièce similaire - PSC12-11YWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
PSC12-11YWA KINGBRIGHT-PSC12-11YWA Datasheet
150Kb / 5P
   30.48mm (1.2 INCH) 16SEGMENT SINGLE DIGIT ALTHANUMERIC NUMERIC DISPLAYS
More results

Description similaire - PSC12-11YWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
PSA12-11SRWA KINGBRIGHT-PSA12-11SRWA Datasheet
204Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11GWA KINGBRIGHT-PSA12-11GWA Datasheet
227Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11YWA KINGBRIGHT-PSA12-11YWA Datasheet
205Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSC12-11SRWA KINGBRIGHT-PSC12-11SRWA Datasheet
204Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSC12-11EWA KINGBRIGHT-PSC12-11EWA Datasheet
230Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSC12-11GWA KINGBRIGHT-PSC12-11GWA Datasheet
222Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11EWA KINGBRIGHT-PSA12-11EWA Datasheet
231Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
logo
SunLED Corporation
AMR30A SUNLED-AMR30A Datasheet
209Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30A SUNLED-AUG30A Datasheet
207Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUY30A SUNLED-AUY30A Datasheet
210Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com