Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSTCC3M64G53-B0 Fiches technique(PDF) 11 Page - Murata Manufacturing Co., Ltd.

No de pièce CSTCC3M64G53-B0
Description  Specification of Piezoelectric Ceramic Resonator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC3M64G53-B0 Fiches technique(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC3M64G53-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-B0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-B0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-B0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. CSTCC3M64G53-B0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
仕様書番号
Drawing No. JGC42-4929
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 11/13
第1図
外形寸法図
Figure 1.
Dimensions
W: 7.2±0.2
L: 3.0±0.2
T: 1.55±0.05
:
社標
Vender's Code
:
製造年月度
EIAJ Monthly
Code
単位
:mm
in mm
第2図
発振周波数測定回路
Figure 2.
Test Circuit
CERALOCK
®:
CSTCC3M64G53-R0
CSTCC3M64G53-B0
IC:1/6 CD4069UBE x2
(RCA)
VDD:+5±0.1V
Rf:1MΩ
(3)
(2)
(1)
6.6max.
W
1.2±0.2
0.45(ref.)
0.45(ref.)
0.45(ref.)
0.3±0.30
0.5±0.05
1.4±0.2
1.2±0.2
1.1±0.1
2.5±0.1
2.5±0.1
*
364
1.2
1.4
1.2
1.2
1.2
ランド
Land Pattem
2.5
2.5
(推奨ランド寸法)
(Recommendable Land Pattern)
出力
(周波数カウンターへ)
(To Frequency Counter)
Output
VDD
C1
C2
Rf
(1)
(3)
(2)
CERALOCK
R


Numéro de pièce similaire - CSTCC3M64G53-B0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTCC3M64G53-R0 MURATA1-CSTCC3M64G53-R0 Datasheet
309Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
CSTCC3M64G53-R0 MURATA1-CSTCC3M64G53-R0_V01 Datasheet
309Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
More results

Description similaire - CSTCC3M64G53-B0

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com