Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM4041 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM4041 Fiches technique(HTML) 3 Page - Texas Instruments

  LM4041_08 Datasheet HTML 1Page - Texas Instruments LM4041_08 Datasheet HTML 2Page - Texas Instruments LM4041_08 Datasheet HTML 3Page - Texas Instruments LM4041_08 Datasheet HTML 4Page - Texas Instruments LM4041_08 Datasheet HTML 5Page - Texas Instruments LM4041_08 Datasheet HTML 6Page - Texas Instruments LM4041_08 Datasheet HTML 7Page - Texas Instruments LM4041_08 Datasheet HTML 8Page - Texas Instruments LM4041_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
DEVICE GRADE
VZ
PACKAGE(1)
PART NUMBER
MARKING(2)
C grade:
Reel of 3000
LM4041CQDBZR
ADJ
SOT-23-3 (DBZ)
4MP_
0.5% initial
Reel of 250
LM4041CQDBZT
accuracy
Reel of 3000
LM4041C12QDBZR
and
100 ppm/
°C
1.2 V
SOT-23-3 (DBZ)
4MS_
temperature
Reel of 250
LM4041C12QDBZT
coefficient
–40
°C to 125°C
D grade:
Reel of 3000
LM4041DQDBZR
ADJ
SOT-23-3 (DBZ)
4MR_
1.0% initial
Reel of 250
LM4041DQDBZT
accuracy
Reel of 3000
LM4041D12QDBZR
and
150 ppm/
°C
1.2 V
SOT-23-3 (DBZ)
4MT_
temperature
Reel of 250
LM4041D12QDBZT
coefficient
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBZ/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
3
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LM4041 1.225V Precision micropower shunt voltage reference 1  2  3  4  5  More Zetex Semiconductors
LM4040_07 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More Texas Instruments
ADR1581 1.25 V Micropower Precision Shunt Voltage Reference 1  2  3  4  5  More Analog Devices
LM4040_08 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More Texas Instruments
LM4041_07 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More Texas Instruments
NJM2825 Precision Micropower Shunt Voltage Reference 1  2  3  4  5  New Japan Radio
LM4040_05 Precision Micropower Shunt Voltage Reference 1  2  3  4  5  More National Semiconductor (TI)
LM4051_05 Precision Micropower Shunt Voltage Reference 1  2  3  4  5  More National Semiconductor (TI)
LM4040_07 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More Vishay Siliconix
AQ4041 Precision Micropower Shunt Voltage Reference SOT23 SC70 and TO92 Package 1  2  3  4  5  More Acutechnology Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn