Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM4041 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM4041
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM4041 Fiches technique(HTML) 4 Page - Texas Instruments

  LM4041_08 Datasheet HTML 1Page - Texas Instruments LM4041_08 Datasheet HTML 2Page - Texas Instruments LM4041_08 Datasheet HTML 3Page - Texas Instruments LM4041_08 Datasheet HTML 4Page - Texas Instruments LM4041_08 Datasheet HTML 5Page - Texas Instruments LM4041_08 Datasheet HTML 6Page - Texas Instruments LM4041_08 Datasheet HTML 7Page - Texas Instruments LM4041_08 Datasheet HTML 8Page - Texas Instruments LM4041_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
CATHODE
ANODE
_
+
FB(1)
(1) LM4041x (ADJ) only
(2) LM4041x12 only
VREF(1)
(2)
(2)
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
LM4041
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
SLCS146E – FEBRUARY 2005 – REVISED FEBRUARY 2006
FUNCTIONAL BLOCK DIAGRAM
over free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VZ
Continuous cathode voltage
15
V
IZ
Continuous cathode current
–10
25
mA
DBZ package
206
θ
JA
Package thermal impedance(2)(3)
DCK package
252
°C/W
LP package
156
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
IZ
Cathode current
(1)
12
mA
VZ
Reverse breakdown voltage (adjustable version)
10
V
LM4041 (I temperature)
–40
85
TA
Free-air temperature
°C
LM4041 (Q temperature)
–40
125
(1)
See parametric tables
4
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LM4041 1.225V Precision micropower shunt voltage reference 1  2  3  4  5  More Zetex Semiconductors
LM4040_07 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More Texas Instruments
ADR1581 1.25 V Micropower Precision Shunt Voltage Reference 1  2  3  4  5  More Analog Devices
LM4040_08 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More Texas Instruments
LM4041_07 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More Texas Instruments
NJM2825 Precision Micropower Shunt Voltage Reference 1  2  3  4  5  New Japan Radio
LM4040_05 Precision Micropower Shunt Voltage Reference 1  2  3  4  5  More National Semiconductor (TI)
LM4051_05 Precision Micropower Shunt Voltage Reference 1  2  3  4  5  More National Semiconductor (TI)
LM4040_07 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 1  2  3  4  5  More Vishay Siliconix
AQ4041 Precision Micropower Shunt Voltage Reference SOT23 SC70 and TO92 Package 1  2  3  4  5  More Acutechnology Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn