Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TL431ACD Datasheet(Fiches technique) 25 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce TL431ACD
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Télécharger  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL431ACD Datasheet(HTML) 25 Page - Texas Instruments

Back Button TL431ACD Datenblatt HTML 21Page - Texas Instruments TL431ACD Datenblatt HTML 22Page - Texas Instruments TL431ACD Datenblatt HTML 23Page - Texas Instruments TL431ACD Datenblatt HTML 24Page - Texas Instruments TL431ACD Datasheet HTML 25Page - Texas Instruments TL431ACD Datenblatt HTML 26Page - Texas Instruments TL431ACD Datenblatt HTML 27Page - Texas Instruments TL431ACD Datenblatt HTML 28Page - Texas Instruments TL431ACD Datenblatt HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
25
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
R1
0.1%
R2
0.1%
R
(see Note A)
Vref
VO
TL431
VI(BATT)
RETURN
NOTE A: R should provide cathode current
≥1 mA to the TL431 at minimum VI(BATT).
V
O +
1
) R1
R2
V
ref
Figure 17. Shunt Regulator
VO
TL431
VI(BATT)
VIT ≈ 2.5 V
GND
Input
Von ≈2 V
Voff ≈VI(BATT)
Figure 18. Single-Supply Comparator With Temperature-Compensated Threshold
R
(see Note A)
VO
TL431
VI(BATT)
2N222
2N222
4.7 k
R1
0.1%
R2
0.1%
0.01
µF
30
V
O +
1
) R1
R2
V
ref
NOTE A: R should provide cathode current
≥1 mA to the TL431 at minimum VI(BATT).
Figure 19. Precision High-Current Series Regulator


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TL431_05ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
AZ431ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TL431_07ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
TLV431_06LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
GM4321.24V ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreGamma Microelectronics Inc.
TL4321.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
TL432C1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
AZ431-BADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TLVH432_07LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
AN431ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn