Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TL431ACD Datasheet(Fiches technique) 24 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce TL431ACD
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Télécharger  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL431ACD Datasheet(HTML) 24 Page - Texas Instruments

Back Button TL431ACD Datenblatt HTML 20Page - Texas Instruments TL431ACD Datenblatt HTML 21Page - Texas Instruments TL431ACD Datenblatt HTML 22Page - Texas Instruments TL431ACD Datenblatt HTML 23Page - Texas Instruments TL431ACD Datasheet HTML 24Page - Texas Instruments TL431ACD Datenblatt HTML 25Page - Texas Instruments TL431ACD Datenblatt HTML 26Page - Texas Instruments TL431ACD Datenblatt HTML 27Page - Texas Instruments TL431ACD Datenblatt HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
24
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
50
40
10
0
0.001
0.01
0.1
1
70
90
STABILITY BOUNDARY CONDITIONS
FOR ALL TL431 AND TL431A DEVICES
(EXCEPT FOR SOT23-3, SC-70, AND Q-TEMP DEVICES)
100
10
30
80
60
20
TA = 25°C
B
Stable
Stable
A VKA = Vref
B VKA = 5 V
C VKA = 10 V
D VKA = 15 Vf
CL − Load Capacitance − µF
A
C
D
150
IKA
R1 = 10 k
R2
CL
VBATT
IKA
CL
VBATT
150
TEST CIRCUIT FOR CURVE A
TEST CIRCUIT FOR CURVES B, C, AND D
+
+
50
40
10
0
0.001
0.01
0.1
1
70
90
STABILITY BOUNDARY CONDITIONS
FOR ALL TL431B, TL432, SOT-23, SC-70, AND Q-TEMP DEVICES
100
10
30
80
60
20
Stable
A VKA = Vref
B VKA = 5 V
C VKA = 10 V
D VKA = 15 Vf
CL − Load Capacitance − µF
A
C
D
150
IKA
R1 = 10 k
R2
CL
VBATT
IKA
CL
VBATT
150
TEST CIRCUIT FOR CURVE A
TEST CIRCUIT FOR CURVES B, C, AND D
† The areas under the curves represent conditions that may cause the
device to oscillate. For curves B, C, and D, R2 and V+ were adjusted
to establish the initial VKA and IKA conditions with CL = 0. VBATT and
CL then were adjusted to determine the ranges of stability.
+
+
B
A
TA = 25°C
Stable
B
Figure 16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TL431_05ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
AZ431ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TL431_07ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
TLV431_06LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
GM4321.24V ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreGamma Microelectronics Inc.
TL4321.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
TL432C1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
AZ431-BADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TLVH432_07LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
AN431ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn