Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TL431ACD Datasheet(Fiches technique) 20 Page - Texas Instruments

Click here to check the latest version.
Numéro de pièce TL431ACD
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Télécharger  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL431ACD Datasheet(HTML) 20 Page - Texas Instruments

Back Button TL431ACD Datenblatt HTML 16Page - Texas Instruments TL431ACD Datenblatt HTML 17Page - Texas Instruments TL431ACD Datenblatt HTML 18Page - Texas Instruments TL431ACD Datenblatt HTML 19Page - Texas Instruments TL431ACD Datasheet HTML 20Page - Texas Instruments TL431ACD Datenblatt HTML 21Page - Texas Instruments TL431ACD Datenblatt HTML 22Page - Texas Instruments TL431ACD Datenblatt HTML 23Page - Texas Instruments TL431ACD Datenblatt HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
20
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
1.5
1
0.5
0
−75
−25
0
50
2
OFF-STATE CATHODE CURRENT
vs
FREE-AIR TEMPERATURE
2.5
100
125
−50
25
75
TA − Free-Air Temperature − °C
VKA = 36 V
Vref = 0
Figure 10
−1.15
−1.25
−1.35
−1.45
−1.05
− 0.95
RATIO OF DELTA REFERENCE VOLTAGE TO
DELTA CATHODE VOLTAGE
vs
FREE-AIR TEMPERATURE
− 0.85
TA − Free-Air Temperature − °C
−75
−25
0
50
100
125
−50
25
75
VKA = 3 V to 36 V
180
140
120
100
10
100
1 k
220
240
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
260
10 k
100 k
200
160
IO = 10 mA
TA = 25°C
Figure 11
† Data at high and low temperatures is applicable only within the recommended operating free-air temperature ranges of the various devices.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TL431_05ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
AZ431ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TL431_07ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
TLV431_06LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
GM4321.24V ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreGamma Microelectronics Inc.
TL4321.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
TL432C1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
AZ431-BADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TLVH432_07LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTexas Instruments
AN431ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn