Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC128646-TFLGS3N Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce LC128646-TFLGS3N
Description  LCD Module Specification
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

LC128646-TFLGS3N Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  LC128646-TFLGS3N Datasheet HTML 1Page - List of Unclassifed Manufacturers LC128646-TFLGS3N Datasheet HTML 2Page - List of Unclassifed Manufacturers LC128646-TFLGS3N Datasheet HTML 3Page - List of Unclassifed Manufacturers LC128646-TFLGS3N Datasheet HTML 4Page - List of Unclassifed Manufacturers LC128646-TFLGS3N Datasheet HTML 5Page - List of Unclassifed Manufacturers LC128646-TFLGS3N Datasheet HTML 6Page - List of Unclassifed Manufacturers LC128646-TFLGS3N Datasheet HTML 7Page - List of Unclassifed Manufacturers LC128646-TFLGS3N Datasheet HTML 8Page - List of Unclassifed Manufacturers LC128646-TFLGS3N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LG128642-BMDWH6V
- 3 -
1.3 Terminal Functions
Pin No.
Symbol
Level
Function
1
VDD
+5V
Power supply for logic
2
VSS
0V
Ground
3
VO
-
Operating voltage for LCD (contrast adjusting)
4
DB0
H/L
Data bit0
5
DB1
H/L
Data bit1
6
DB2
H/L
Data bit2
7
DB3
H/L
Data bit3
8
DB4
H/L
Data bit4
9
DB5
H/L
Data bit5
10
DB6
H/L
Data bit6
11
DB7
H/L
Data bit7
12
/CS1
L
Chip selection for IC1, active
“L”
13
/CS2
L
Chip selection for IC2, active
“L”
14
/RST
L
Reset signal, active
“L”
15
R/W
H/L
Read/Write selection
H: Read operation
L: Write operation
16
RS
H/L
Register selection
H: Display data
L: Instruction code
17
E
H, H→L
Enable signal. Read data when E is
“H”, write
data at the falling edge of E
18
VOUT
-10V
Output voltage for LCD driving
19
LEDA
+5V
Power supply for LED backlight
20
LEDK
0V
Power supply for LED backlight
2. ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Min.
Max.
Unit
Supply Voltage(Logic)
VDD-VSS
-0.3
7.0
V
Supply Voltage(LCD)
VDD-VO
-0.3
19.0
V
Input Voltage
VI
-0.3
VDD+0.3
V
Operating Temp.
Topr
-20
70
Storage Temp.
Tstg
-30
80


Numéro de pièce similaire - LC128646-TFLGS3N

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
LC128B SUMIDA-LC128B Datasheet
92Kb / 1P
   DC-DC CONVERTER?늁IN?
LC128B SUMIDA-LC128B_1 Datasheet
99Kb / 1P
   General Power Transformer
More results

Description similaire - LC128646-TFLGS3N

FabricantNo de pièceFiches techniqueDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com