Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS79915DDCTG4 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS79915DDCTG4
Description  200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS79915DDCTG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS79915DDCTG4 Datasheet HTML 6Page - Texas Instruments TPS79915DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS79915DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS79915DDCTG4 Datasheet HTML 9Page - Texas Instruments TPS79915DDCTG4 Datasheet HTML 10Page - Texas Instruments TPS79915DDCTG4 Datasheet HTML 11Page - Texas Instruments TPS79915DDCTG4 Datasheet HTML 12Page - Texas Instruments TPS79915DDCTG4 Datasheet HTML 13Page - Texas Instruments TPS79915DDCTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
www.ti.com
APPLICATION INFORMATION
TPS799xx
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
Optional bypass capacitor
to reduce output noise
and increase PSRR.
2.2
µF
Ceramic
V
EN
TPS799xx
GND
EN
FB
IN
OUT
V
IN
V
OUT
R
1
C
FB
R
2
Optional input capacitor.
May improve source
impedance, noise, or PSRR.
V
OUT =
× 1.193
(R
1 + R2)
R
2
V
EN
2.2
µF
Ceramic
Input and Output Capacitor Requirements
Feedback Capacitor Requirements (TPS79901 only)
TPS799xx
SBVS056E – JANUARY 2005 – REVISED OCTOBER 2005
The TPS799xx family of LDO regulators combines the high performance required of many RF and precision
analog applications with ultra-low current consumption. High PSRR is provided by a high gain, high bandwidth
error loop with good supply rejection at very low headroom (VIN – VOUT). Fixed voltage versions provide a noise
reduction pin to bypass noise generated by the bandgap reference and to improve PSRR while a quick-start
circuit fast-charges this capacitor at startup for quick startup times. The combination of high performance and low
ground current also make the TPS799xx an excellent choice for portable applications. All versions have thermal
and over-current protection and are fully specified from –40°C to +125°C.
Figure 28 shows the basic circuit connections for fixed voltage models. Figure 29 gives the connections for the
adjustable output version (TPS79901). R1 and R2 can be calculated for any output voltage using the formula in
Figure 29. Sample resistor values for common output voltages are shown in Figure 29.
Figure 28. Typical Application Circuit for
Figure 29. Typical Application Circuit for
Fixed Voltage Versions
Adjustable Voltage Version
Although an input capacitor is not required for stability, it is good analog design practice to connect a 0.1µF to
1µF low ESR capacitor across the input supply near the regulator. This will counteract reactive input sources and
improve transient response, noise rejection, and ripple rejection. A higher-value capacitor may be necessary if
large, fast rise-time load transients are anticipated or the device is located several inches from the power source.
If source impedance is not sufficiently low, a 0.1µF input capacitor may be necessary to ensure stability.
The TPS799xx is designed to be stable with standard ceramic capacitors of values 2.2µF or larger. X5R and
X7R type capacitors are best as they have minimal variation in value and ESR over temperature. Maximum ESR
should be < 1.0
Ω.
The feedback capacitor, CFB, shown in Figure 29 is required for stability. For a parallel combination of R1 and R2
equal to 250k
Ω, any value from 3pF to 1nF can be used. Fixed voltage versions have an internal 30pF feedback
capacitor which is quick-charged at start-up. The adjustable version does not have this quick-charge circuit, so
values below 5pF should be used to ensure fast startup; values above 47pF can be used to implement an output
voltage soft-start. Larger value capacitors also improve noise slightly. The TPS79901 is stable in unity-gain
configuration (OUT tied to FB) without CFB.
10


Numéro de pièce similaire - TPS79915DDCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS79915DDCTG4 TI-TPS79915DDCTG4 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS79915DDCTG4 TI-TPS79915DDCTG4 Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79915DDCTG4 TI-TPS79915DDCTG4 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79915DDCTG4 TI-TPS79915DDCTG4 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79915DDCTG4 TI-TPS79915DDCTG4 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results

Description similaire - TPS79915DDCTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
[Old version datasheet]   200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
[Old version datasheet]   200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX Datasheet
1Mb / 21P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
[Old version datasheet]   250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735XX TI-TPS735XX_10 Datasheet
1Mb / 26P
[Old version datasheet]   500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com