Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC194 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HC194
Description  High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54HC194 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CD54HC194 Datasheet HTML 3Page - Texas Instruments CD54HC194 Datasheet HTML 4Page - Texas Instruments CD54HC194 Datasheet HTML 5Page - Texas Instruments CD54HC194 Datasheet HTML 6Page - Texas Instruments CD54HC194 Datasheet HTML 7Page - Texas Instruments CD54HC194 Datasheet HTML 8Page - Texas Instruments CD54HC194 Datasheet HTML 9Page - Texas Instruments CD54HC194 Datasheet HTML 10Page - Texas Instruments CD54HC194 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Test Circuits and Waveforms
FIGURE 1. CLOCK PREREQUISITE TIMES AND
PROPAGATION AND OUTPUT TRANSITION TIMES
FIGURE 2. MASTER RESET PREREQUISITE TIMES AND
PROPAGATION DELAYS
FIGURE 3. DATA PREREQUISITE TIMES
FIGURE 4. PARALLEL LOAD OR SHIFT-LEFT/SHIFT-RIGHT
PREREQUISITE TIMES
INPUT LEVEL
CP
tr
VS
Q
tTHL
tTLH
10%
90%
GND
VS
VS
90%
tPHL
tW
VS
10%
10%
tf
tPLH
VS
MR
VS
VS
INPUT LEVEL
GND
tREM
VS
INPUT LEVEL
GND
CP
Q
tPHL
VS
tW
DATA
CP
tSU
VS
VALID
tH
VS
INPUT LEVEL
INPUT LEVEL
GND
GND
VALID
S OR DS
VS
tSU
tH
VS
CP
INPUT LEVEL
GND
INPUT LEVEL
GND


Numéro de pièce similaire - CD54HC194

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC194 TI-CD54HC194 Datasheet
339Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194 Datasheet
342Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Vectron International, ...
CD54HC194 VECTRON-CD54HC194 Datasheet
526Kb / 17P
   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Texas Instruments
CD54HC194 TI-CD54HC194 Datasheet
554Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194F3A TI-CD54HC194F3A Datasheet
339Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
More results

Description similaire - CD54HC194

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC194 TI-CD54HC194_06 Datasheet
342Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194 Datasheet
339Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HC194 TI-CD74HC194 Datasheet
47Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
74HC194N TI-74HC194N Datasheet
554Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Vectron International, ...
CD54HC194 VECTRON-CD54HC194_1 Datasheet
526Kb / 17P
   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
   CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
logo
Texas Instruments
CD40194B TI-CD40194B Datasheet
233Kb / 7P
[Old version datasheet]   CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com