Moteur de recherche de fiches techniques de composants électroniques |
|
UA7824CKTER Fiches technique(PDF) 10 Page - Texas Instruments |
|
UA7824CKTER Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 19 page Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) TO-263 no Sb/Br) UA7812QKTE OBSOLETE PFM KTE 3 TBD Call TI Call TI UA7815CKC OBSOLETE TO-220 KC 3 TBD Call TI Call TI UA7815CKCS ACTIVE TO-220 KCS 3 50 Pb-Free (RoHS) CU SN N / A for Pkg Type UA7815CKCSE3 ACTIVE TO-220 KCS 3 50 Pb-Free (RoHS) CU SN N / A for Pkg Type UA7815CKTER OBSOLETE PFM KTE 3 TBD Call TI Call TI UA7815CKTTR ACTIVE DDPAK/ TO-263 KTT 3 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR UA7815CKTTRG3 ACTIVE DDPAK/ TO-263 KTT 3 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR UA7815QKTE OBSOLETE PFM KTE 3 TBD Call TI Call TI UA7824CKC OBSOLETE TO-220 KC 3 TBD Call TI Call TI UA7824CKCE3 OBSOLETE TO-220 KC 3 TBD Call TI Call TI UA7824CKCS ACTIVE TO-220 KCS 3 50 Pb-Free (RoHS) CU SN N / A for Pkg Type UA7824CKCSE3 ACTIVE TO-220 KCS 3 50 Pb-Free (RoHS) CU SN N / A for Pkg Type UA7824CKTER OBSOLETE PFM KTE 3 TBD Call TI Call TI UA7824CKTTR ACTIVE DDPAK/ TO-263 KTT 3 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR UA7824CKTTRG3 ACTIVE DDPAK/ TO-263 KTT 3 500 Green (RoHS & no Sb/Br) CU SN Level-3-245C-168 HR UA7885CKC OBSOLETE TO-220 KC 3 TBD Call TI Call TI UA7885CKTER OBSOLETE PFM KTE 3 TBD Call TI Call TI UA7885QKTE OBSOLETE PFM KTE 3 TBD Call TI Call TI (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the PACKAGE OPTION ADDENDUM www.ti.com 18-Mar-2008 Addendum-Page 2 |
Numéro de pièce similaire - UA7824CKTER |
|
Description similaire - UA7824CKTER |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |