Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

93-21SUBC Fiches technique(PDF) 8 Page - Everlight Electronics Co., Ltd

No de pièce 93-21SUBC
Description  High Performance SMD LED with Reflector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

93-21SUBC Fiches technique(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 93-21SUBC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 6Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 7Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 8Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 9Page - Everlight Electronics Co., Ltd 93-21SUBC Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 8 of 10
Device No. : DSE-931-070
Prepared date:23.Sep.2005
Prepared by: Teresa Lee
93-21SUBC/S400-XX/TR8
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Re
1
Reflow Soldering
Temp. : 260℃±5℃
Min. 5sec.
6 Min.
22 PCS.
0/1
2
Temperature Cycle
H : +100℃ 15min
∫ 5 min
L : -40℃ 15min
300 Cycles
22 PCS.
0/1
3
Thermal Shock
H : +100℃ 5min
∫ 10 sec
L : -10℃ 5min
300 Cycles
22 PCS.
0/1
4
High Temperature
Storage
Temp. : 100℃
1000 Hrs.
22 PCS.
0/1
5
Low Temperature
Storage
Temp. : -40℃
1000 Hrs.
22 PCS.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 PCS.
0/1
7
High Temperature /
High Humidity
85℃/ 85%RH
1000 Hrs.
22 PCS.
0/1


Numéro de pièce similaire - 93-21SUBC

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
93-21SUGC-S400-A4-TR8 EVERLIGHT-93-21SUGC-S400-A4-TR8 Datasheet
135Kb / 9P
   High Performance SMD LED with Reflector
93-21SUGC/S400-A4/TR8 EVERLIGHT-93-21SUGC/S400-A4/TR8 Datasheet
135Kb / 9P
   High Performance SMD LED with Reflector
93-21SURC EVERLIGHT-93-21SURC Datasheet
150Kb / 9P
   High Performance SMD LED with Reflector
93-21SURC/S530-XX/TR8 EVERLIGHT-93-21SURC/S530-XX/TR8 Datasheet
150Kb / 9P
   High Performance SMD LED with Reflector
More results

Description similaire - 93-21SUBC

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
96-22UBC EVERLIGHT-96-22UBC Datasheet
96Kb / 6P
   High performance SMD LED with Reflector
96-22SUBC EVERLIGHT-96-22SUBC Datasheet
118Kb / 6P
   High performance SMD LED with Reflector
96-22SUGC EVERLIGHT-96-22SUGC Datasheet
95Kb / 6P
   High performance SMD LED with Reflector
G6R7C-B01 EVERLIGHT-G6R7C-B01 Datasheet
237Kb / 12P
   High performance SMD LED with Reflector
S530-A3-TR8 EVERLIGHT-S530-A3-TR8 Datasheet
230Kb / 11P
   High Performance SMD LED with Reflector
93-21SYGC EVERLIGHT-93-21SYGC Datasheet
228Kb / 9P
   High Performance SMD LED with Reflector
93-21UBC EVERLIGHT-93-21UBC Datasheet
136Kb / 10P
   High Performance SMD LED with Reflector
93-21UYOC EVERLIGHT-93-21UYOC Datasheet
156Kb / 9P
   High Performance SMD LED with Reflector
96-22SURC EVERLIGHT-96-22SURC Datasheet
104Kb / 6P
   High performance SMD LED with Reflector
97-22SUBC EVERLIGHT-97-22SUBC Datasheet
99Kb / 7P
   High performance SMD LED with Reflector
93-22SURSYGC-S530-A3-TR8 EVERLIGHT-93-22SURSYGC-S530-A3-TR8 Datasheet
212Kb / 11P
   High Performance SMD LED with Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com