Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1EDP Fiches technique(PDF) 2 Page - Tyco Electronics

No de pièce 1EDP
Description  PC Board Mountable RFI Filters for General Purpose Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

1EDP Fiches technique(HTML) 2 Page - Tyco Electronics

  1EDP Datasheet HTML 1Page - Tyco Electronics 1EDP Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORCOM Product Guide
PC Board Mountable RFI Filters for General Purpose Applications (Continued)
Case Style
EDP/EOP
Case Dimensions
AB
C
Part No.
(max)
(max)
(max)
EDP
1.44
1.24
0.95
36.6
31.5
24.15
EOP
1.44
1.24
0.78
36.6
31.5
19.9
35
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.cor.com
Revised 03-04
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
1-508-992-4495
are metric equivalents.
to change.
Germany:
49-89-6089-0
EDP, EOP Series
C
A
B
.35
8.97
Max.
Pins .025 square
Part Numbers
01EDP
01EOP
03EDP
03EOP
06EDP
06EOP
10EDP
10EOP
Mounting Holes Pattern & Clearance
.295 ± .006
7.50
± .15
.31 ± .02
7.87
± .5
.591 ± .006
15.00
± .15
.36 ± .02
9.10
± .5
.689 ± .006
17.50
± .15


Html Pages

1  2