Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT16823 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce 74ACT16823
Description  18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74ACT16823 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button 74ACT16823 Datasheet HTML 4Page - Texas Instruments 74ACT16823 Datasheet HTML 5Page - Texas Instruments 74ACT16823 Datasheet HTML 6Page - Texas Instruments 74ACT16823 Datasheet HTML 7Page - Texas Instruments 74ACT16823 Datasheet HTML 8Page - Texas Instruments 74ACT16823 Datasheet HTML 9Page - Texas Instruments 74ACT16823 Datasheet HTML 10Page - Texas Instruments 74ACT16823 Datasheet HTML 11Page - Texas Instruments 74ACT16823 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Numéro de pièce similaire - 74ACT16823

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT16823 TI-74ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823 TI-74ACT16823 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DL TI-74ACT16823DL Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DLG4 TI-74ACT16823DLG4 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DLR TI-74ACT16823DLR Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ACT16823

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT162823A TI-SN54ABT162823A Datasheet
135Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_07 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_06 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABTH16823 TI1-SN54ABTH16823_14 Datasheet
517Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_06 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI1-SN54ABT162823A_15 Datasheet
506Kb / 13P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823 TI1-SN54ABT162823_08 Datasheet
168Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16283A TI-SN54ABT16283A Datasheet
180Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com