Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT16823 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce 74ACT16823
Description  18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

74ACT16823 Fiches technique(HTML) 4 Page - Texas Instruments

  74ACT16823 Datasheet HTML 1Page - Texas Instruments 74ACT16823 Datasheet HTML 2Page - Texas Instruments 74ACT16823 Datasheet HTML 3Page - Texas Instruments 74ACT16823 Datasheet HTML 4Page - Texas Instruments 74ACT16823 Datasheet HTML 5Page - Texas Instruments 74ACT16823 Datasheet HTML 6Page - Texas Instruments 74ACT16823 Datasheet HTML 7Page - Texas Instruments 74ACT16823 Datasheet HTML 8Page - Texas Instruments 74ACT16823 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
54ACT16823, 74ACT16823
18-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS160A – APRIL 1991 – REVISED APRIL 1996
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±450 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum package power dissipation at TA = 55°C (in still air) (see Note 2): DL package
1.4 W
. . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperature of 150
_C and a board trace length of 750 mils.
recommended operating conditions (see Note 2)
54ACT16823
74ACT16823
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
–24
–24
mA
IOL
Low-level output current
24
24
mA
∆t/∆v
Input transition rise or fall rate
0
10
0
10
ns/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: Unused inputs must be held high or low to prevent them from floating.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - 74ACT16823

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT16823 TI-74ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823 TI-74ACT16823 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DL TI-74ACT16823DL Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DLG4 TI-74ACT16823DLG4 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT16823DLR TI-74ACT16823DLR Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ACT16823

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT162823A TI-SN54ABT162823A Datasheet
135Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_07 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823_06 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABTH16823 TI1-SN54ABTH16823_14 Datasheet
517Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823_06 Datasheet
164Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
54ACT16823 TI-54ACT16823 Datasheet
127Kb / 8P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823A TI1-SN54ABT162823A_15 Datasheet
506Kb / 13P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT162823 TI1-SN54ABT162823_08 Datasheet
168Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16823 TI-SN54ABT16823 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16283A TI-SN54ABT16283A Datasheet
180Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com