Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS68332VR20 Fiches technique(PDF) 11 Page - ATMEL Corporation

No de pièce TS68332VR20
Description  High Highperformance 32-bit Integrated Microcontroller
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS68332VR20 Fiches technique(HTML) 11 Page - ATMEL Corporation

Back Button TS68332VR20 Datasheet HTML 7Page - ATMEL Corporation TS68332VR20 Datasheet HTML 8Page - ATMEL Corporation TS68332VR20 Datasheet HTML 9Page - ATMEL Corporation TS68332VR20 Datasheet HTML 10Page - ATMEL Corporation TS68332VR20 Datasheet HTML 11Page - ATMEL Corporation TS68332VR20 Datasheet HTML 12Page - ATMEL Corporation TS68332VR20 Datasheet HTML 13Page - ATMEL Corporation TS68332VR20 Datasheet HTML 14Page - ATMEL Corporation TS68332VR20 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
11
2118A–HIREL–11/05
TS68332
7.2
Static Characteristics
Table 7-1.
DC Characteristics. V
DD and VDDSYN = 5.0VDC ± 10% for 16.78 MHz and 5.0VDC ± 5% for 20.97 MHz;
V
SS =0VDC; TC = -55°C to +125°C or -40°C to +85°C
Number
Symbol
Parameter
16.78 MHz
20.97 MHz
Unit
Min
Max
Min
Max
1V
IH
Input High Voltage
0.7 (V
DD)VDD+0.3
0.7(V
DD)VDD+0.3
V
2V
IL
Input Low Voltage
V
SS - 0.3
0.2(V
DD)VSS - 0.3
0.2(V
DD)V
3VHYS
Input Hysteresis
(1)
0.5
-
0.5
-
V
4I
IN
Input Leakage Current
(2)
VIN = VDD or VSS
Input-only pins
- 2.5
2.5
- 2.5
2.5
µA
5I
OZ
High Impedance (off-state)
Leakage Current
(2)
V
IN = VDD or VSS L
All input/output and
output pins
- 2.5
2.5
- 2.5
2.5
µA
6VOH
CMOS Output High
Voltage
(2)(3)
IOH = -10.0 µA
Group 1, 2, 4
input/output and all
output pins and all
output pins
V
DD - 0.2
-
V
DD - 0.2
-
V
7VOL
CMOS Output High Voltage
(2)
I
OH = -10.0 µA
Group 1, 2, 4
input/output and all
output pins
-
0.2
-
0.2
V
8V
OH
Output High Voltage
(2)(3)
I
OH = -0.8 mA
Group 1, 2, 4
input/output and all
output pins
V
DD - 0.8
-
V
DD - 0.8
-
V
9V
OL
Output Low Voltage
(2)
IOL = 1.6 mA
I
OL = 5.3 mA
IOL = 12 mA
Group 1 I/O pins
CLKOUT,
FREEZE/QUOT,
IPIPE
Group 2, 4 I/O pins,
CSBOOT, BG/CS
Group 3
-
-
-
0.4
0.4
0.4
-
-
-
0.4
0.4
0.4
V
V
V
10
V
IHTSC
Three State Control Input High Voltage
1.6(V
DD)9.1
1.6(V
DD)9.1
V
11
I
MSP
Data Bus Mode Select Pull-
up Current
(5)
V
IN = VIL
V
IN = VIH
DATA [15:0]
DATA [15:0]
-
-15
-120
-
-
- 15
-120
-
µA
µA
12
I
DD
I
DD
S
IDD
S
IDD
V
DD supply current
(5)
RUN
(6)
RUN, TPU emulation mode
LPSTOP, 32.768 kHz crystal, VCO off (STSIM = 0)
LPSTOP (external clock input frequency = maximum
f
sys)
-
-
-
-
124
134
350
5
-
-
-
-
140
150
350
5
mA
mA
µA
mA


Numéro de pièce similaire - TS68332VR20

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS68332VR20 ATMEL-TS68332VR20 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
More results

Description similaire - TS68332VR20

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
TS68332 ATMEL-TS68332 Datasheet
1Mb / 56P
   High performance 32-bit integrated microcontroller
logo
Advanced Micro Devices
ELANSC300 AMD-ELANSC300 Datasheet
1Mb / 139P
   Highly Integrated, Low-Power, 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com