Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2N4401 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce 2N4401
Description  General Purpose Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

2N4401 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  2N4401 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 3Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 4Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 5Page - List of Unclassifed Manufacturers 2N4401 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N4401
& 2N4403
General Purpose Switching Transistors
Page 5
31/05/05 V1.0
On Voltages
IC Collector Current (mA)
VCEO
maximum
(V)
VCBO
maximum
(V)
IC
(A)
hFE
minimum
at IC = 1mA
fT
minimum
(MHz)
Ptot
(mW)
Package
and
Pin Out
Type
Part Number
40
40
0.6
100
250
625
TO-92
NPN
2N4401
60
200
PNP
2N4403
Specifications


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn