Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16PC564BLVI Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TL16PC564BLVI
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL16PC564BLVI Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TL16PC564BLVI Datasheet HTML 5Page - Texas Instruments TL16PC564BLVI Datasheet HTML 6Page - Texas Instruments TL16PC564BLVI Datasheet HTML 7Page - Texas Instruments TL16PC564BLVI Datasheet HTML 8Page - Texas Instruments TL16PC564BLVI Datasheet HTML 9Page - Texas Instruments TL16PC564BLVI Datasheet HTML 10Page - Texas Instruments TL16PC564BLVI Datasheet HTML 11Page - Texas Instruments TL16PC564BLVI Datasheet HTML 12Page - Texas Instruments TL16PC564BLVI Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TL16PC564BLVI
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS627− SEPTEMBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SSAB
SELZ /I
RD(DS)WR(R/W)
Address
Operation
0
0
0
1
SA8, SAD(7− 0)
Intel read
0
0
1
0
SA8, SAD(7− 0)
Intel write
0
1
0
1
SA8, SAD(7− 0)
Zilog read
0
1
0
0
SA8, SAD(7− 0)
Zilog write
1
0
0
1
SA(8 −0)
Intel read
1
0
1
0
SA(8 −0)
Intel write
1
1
0
1
SA(8 −0)
Zilog read
1
1
0
0
SA(8 −0)
Zilog write
attribute-memory arbitration
Arbitration for the attribute memory is necessary whenever there is simultaneous access to the same DPRAM
or CCR address for the conditions of:
Host CPU read and subsystem write
Host CPU write and subsystem read
Host CPU write and subsystem write
If arbitration were not provided, attribute-memory data would be corrupted and invalid data read due to
uncontrolled access to the same DPRAM or CCR address.
The arbitration control circuitry synchronizes the asynchronous accesses of the host CPU and subsystem to
the DPRAM and CCR and controls the access based on the pending host CPU and subsystem
attribute-memory operation. The synchronizing and control circuitry needs a clock called the arbitration clock.
The external clock (ARBCLKI) goes through a programmable divider and can be divided by one, two, four, or
eight to generate a clock frequency within an allowed range for the arbitration logic to work correctly. The output
of this frequency divider is named ARBCLKO. The programmable divider bits are defined as follows:
ARBPGM1
ARBPGM0
INTERNAL
ARITRATION CLOCK
L
L
ARBCLKI/1
L
H
ARBCLKI/2
H
L
ARBCLKI/4
H
H
ARBCLKI/8
The upper period limit of ARBCLKO is N/6, where N (ns) is the shortest of the two attribute-memory accesses,
host CPU or subsystem. The lower period limit of ARBCLKO is based on the DPRAM specifications at the supply
voltage used:
5 V = 14-ns clock cycle (71 MHz)
3 V = 26-ns clock cycle (38.5 MHz)
For any arbitration condition, attribute-memory access is controlled to ensure valid data is read for a port that
is doing a read operation and valid data is written for a port that is doing a write operation. When both the host
CPU and subsystem are performing simultaneous write operations to the same address, the host CPU is
allowed to write and the subsystem write is ignored.
host CPU/subsystem handshake
Two signals are provided for handshaking between the host CPU and the subsystem. The active-high IRQ
signifies to the subsystem that the host CPU has written data into attribute memory. The subsystem can clear
IRQ by writing a 1 to bit 6 of the subsystem control register. The active-low STSCHG signifies to the host CPU


Numéro de pièce similaire - TL16PC564BLVI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16PC564BLVI TI1-TL16PC564BLVI Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVIPZ TI1-TL16PC564BLVIPZ Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVIPZG4 TI1-TL16PC564BLVIPZG4 Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVI TI1-TL16PC564BLVI_16 Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
More results

Description similaire - TL16PC564BLVI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16PC564B TI-TL16PC564B Datasheet
488Kb / 33P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
TL16PC564BLVI TI1-TL16PC564BLVI_16 Datasheet
711Kb / 35P
[Old version datasheet]   PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
logo
List of Unclassifed Man...
H8250 ETC-H8250 Datasheet
49Kb / 7P
   Universal Asynchronous Receiver/Transmitter
logo
Altera Corporation
A6402 ALTERA-A6402 Datasheet
228Kb / 8P
   Universal Asynchronous Receiver/Transmitter
logo
Winbond
W86C450 WINBOND-W86C450 Datasheet
1Mb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER /TRANSMITTER
logo
TelCom Semiconductor, I...
AY-3-1013A TELCOM-AY-3-1013A Datasheet
775Kb / 13P
   UNIVERSAL ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
Altera Corporation
A16450 ALTERA-A16450 Datasheet
282Kb / 16P
   Universal Asynchronous Receiver/Transmitter
logo
Texas Instruments
PC16550D TI1-PC16550D_15 Datasheet
482Kb / 33P
[Old version datasheet]   Universal Asynchronous Receiver/Transmitter
logo
InnovASIC, Inc
IA16450 INNOVASIC-IA16450 Datasheet
97Kb / 10P
   Universal Asynchronous Receiver/Transmitter
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com