Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB20NM50 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce STB20NM50
Description  N-channel 500V - 0.20廓 - 20A - TO220/FP-D2PAK-I2PAK MDmesh??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM50 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button STB20NM50 Datasheet HTML 6Page - STMicroelectronics STB20NM50 Datasheet HTML 7Page - STMicroelectronics STB20NM50 Datasheet HTML 8Page - STMicroelectronics STB20NM50 Datasheet HTML 9Page - STMicroelectronics STB20NM50 Datasheet HTML 10Page - STMicroelectronics STB20NM50 Datasheet HTML 11Page - STMicroelectronics STB20NM50 Datasheet HTML 12Page - STMicroelectronics STB20NM50 Datasheet HTML 13Page - STMicroelectronics STB20NM50 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Package mechanical data
STB20NM50 - STB20NM50-1 - STP20NM50 - STP20NM50FP
10/14
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Numéro de pièce similaire - STB20NM50

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB20NM50 STMICROELECTRONICS-STB20NM50 Datasheet
532Kb / 16P
   N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
logo
Inchange Semiconductor ...
STB20NM50 ISC-STB20NM50 Datasheet
296Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STB20NM50-1 STMICROELECTRONICS-STB20NM50-1 Datasheet
532Kb / 16P
   N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
logo
Inchange Semiconductor ...
STB20NM50-1 ISC-STB20NM50-1 Datasheet
341Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STB20NM50FD STMICROELECTRONICS-STB20NM50FD Datasheet
287Kb / 7P
   N-CHANNEL 500V - 0.20ohm - 20A D2PAK FDmesh?줡ower MOSFET With FAST DIODE
More results

Description similaire - STB20NM50

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
   N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
   N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
   N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STP5NC50 STMICROELECTRONICS-STP5NC50 Datasheet
534Kb / 12P
   N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?줚I MOSFET
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
   N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com