Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4N29STA-V Fiches technique(PDF) 4 Page - Everlight Electronics Co., Ltd

No de pièce 4N29STA-V
Description  6 PIN PHOTODARLINGTON PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EVERLIGHT [Everlight Electronics Co., Ltd]
Site Internet  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

4N29STA-V Fiches technique(HTML) 4 Page - Everlight Electronics Co., Ltd

  4N29STA-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 4N29STA-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
6 PIN PHOTODARLINGTON
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
4
http://www.everlight.com
Document No:PDS-ELSD-113 Rev. 0
April, 2 2008
TIL113
4NXX Series
H11BX Series
Transfer Characteristics (Ta=25°C unless specified otherwise)
Parameter
Symbol
Min.
Typ.*
Max.
Unit
Condition
4N32
4N33
500
-
-
4N29
4N30
100
4N31
50
-
-
IF = 10mA ,VCE = 10V
H11B1
500
H11B2
200
-
-
H11B3
100
IF = 1mA ,VCE = 5V
H11B255
100
IF = 10mA ,VCE = 5V
Current
transfer
ratio
TIL113
CTR
300
%
IF = 10mA ,VCE = 1V
4N29
4N30
4N32
4N33
-
-
1.0
IF = 8mA ,Ic = 2mA
4N31
TIL113
-
-
1.2
IF = 8mA ,Ic = 2mA
H11B1
H11B2
H11B3
-
-
1.0
IF = 1mA ,Ic = 1mA
Collector-emitter
saturation
voltage
H11B255
VCE(sat)
1.0
V
IF = 50mA ,Ic = 50mA
Isolation resistance
RIO
10
11
-
-
Ω
VIO = 500Vdc
Input-output capacitance
CIO
-
0.8
-
pF
VIO = 0, f = 1MHz
Transfer Characteristics


Numéro de pièce similaire - 4N29STA-V

FabricantNo de pièceFiches techniqueDescription
logo
CT Micro International ...
4N29ST1 CTMICRO-4N29ST1 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29ST1-G CTMICRO-4N29ST1-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29ST2 CTMICRO-4N29ST2 Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
4N29ST2-G CTMICRO-4N29ST2-G Datasheet
1Mb / 13P
   DC Input 6-Pin Photodarlington Optocoupler
More results

Description similaire - 4N29STA-V

FabricantNo de pièceFiches techniqueDescription
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL825 EVERLIGHT-EL825_13 Datasheet
708Kb / 12P
   8 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
EL815 EVERLIGHT-EL815_16 Datasheet
812Kb / 13P
   4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
4NXX EVERLIGHT-4NXX_09 Datasheet
331Kb / 13P
   6 PIN PHOTODARLINGTON
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
logo
Everlight Electronics C...
EL852 EVERLIGHT-EL852_14 Datasheet
958Kb / 14P
   4 PIN DIP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
EL452-G EVERLIGHT-EL452-G_13 Datasheet
1Mb / 11P
   4 PIN SOP HIGH VOLTAGE PHOTODARLINGTON PHOTOCOUPLER
logo
COSMO Electronics Corp...
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP5010 COSMO-KP5010_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
KP6010 COSMO-KP6010_15 Datasheet
292Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com