Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSX1-AK-22 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce CSX1-AK-22
Description  5X7 mm Low Profile SMD Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

CSX1-AK-22 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  CSX1-AK-22 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-021009 Rev. E
Specifications subject to change without notice.
5X7 mm Low Profile SMD Crystal
CSX1 Model
8MHz to 49.152MHz (fund)
±10ppm to ±50ppm
±10ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-40°C to 85°C
5.0pF Max
50 uW Typical, 300uW Max
± 3ppm Max 1st/yr
see table 1
1K Tape and Reel
** Custom Designs Available
Frequency Range:
Calibration Tolerance:
Frequency Stability:
Temperature Ranges:
Storage:
Shunt Capacitance:
Drive Level:
Aging:
ESR:
Packaging:
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
Build Your Own P/N
CSX1-XX-XX-Freq
Example:
CSX1-AB-18-45.000 = ±10ppm at
25°C, ±25ppm -20 to 70°C, 18pF
Load Cap, 45.000MHz
Frequency Tolerance
at 25°C
A ±10 ppm
B ±25 ppm
C ±50 ppm
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(0 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
(-20 to 70°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
(-40 to 85°C)
±10 ppm
±15 ppm
±20 ppm
±25 ppm
±50 ppm
±100 ppm
±10 ppm
±20 ppm
±25 ppm
±50 ppm
±100 ppm
±20 ppm
±25 ppm
±50 ppm
±100 ppm
M
N
O
P
R
S
A
E
B
C
D
H
J
K
L
Frequency Stability
over Temp Range
Load
Capacitance
S=
14=
16=
18=
20=
22=
25=
32=
Series
14 pF
16 pF
18 pF
20 pF
22 pF
25 pF
32 pF
0.276±0.006
(7.0±0.15)
0.197±0.006
(5.0±0.15)
CRYSTEK
FREQ./DC
0.039
(1.0)
0.055
(1.4)
#1
#3
#2
#4
Bottom View
0.100±0.005
(2.54±0.13)
PIN
Signal
1
2
3
4
Crystal
GND
Crystal
GND
0.228
(5.8)
0.100
(2.54)
0.055
(1.4)
0.086
(2.2)
0.051
(1.3)
(1)
(3)
(2)
(4)
Top View
8.0 - 20.0 (F)
20.1 - 49.0 (F)
Resistance at series resonance
Freq. (MHz)
Max ESR
50
40
Table 1
Designed to meet the precision
and space requirements needed
for wireless applications.
Quartz Crystal
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Numéro de pièce similaire - CSX1-AK-22

FabricantNo de pièceFiches techniqueDescription
logo
Crystek Corporation
CSX1-AK-22-45.00 CRYSTEKCRYSTAL-CSX1-AK-22-45.00 Datasheet
119Kb / 1P
   Quartz Crystal 5X7 mm Low Profile SMD Crystal
More results

Description similaire - CSX1-AK-22

FabricantNo de pièceFiches techniqueDescription
logo
Crystek Corporation
CSX1 CRYSTEKCRYSTAL-CSX1 Datasheet
119Kb / 1P
   Quartz Crystal 5X7 mm Low Profile SMD Crystal
CSX2 CRYSTEKCRYSTAL-CSX2_15 Datasheet
57Kb / 1P
   3.5횞6.0 mm Low Profile SMD Crystal
CSX1 CRYSTEKCRYSTAL-CSX1_15 Datasheet
56Kb / 1P
   5횞7 mm Low Profile SMD Crystal
CSX2 CRYSTEKCRYSTAL-CSX2 Datasheet
120Kb / 1P
   Quartz Crystal 3.5X6 mm Low Profile SMD Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TY0151A TAI-SAW-TY0151A Datasheet
206Kb / 5P
   SMD 5x7 21.4MHz Crystal Filter
TY0138A TAI-SAW-TY0138A Datasheet
236Kb / 5P
   SMD 5x7 45.01098MHz Crystal Filter
TY0143A TAI-SAW-TY0143A Datasheet
202Kb / 5P
   SMD 5x7 90MHz Crystal Filter
logo
Crystek Corporation
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T Datasheet
113Kb / 1P
   Voltage Controlled Crystal Oscillator 5X7 mm SMD, 3.3V, HCMOS
logo
TAI-SAW TECHNOLOGY CO.,...
TY0122A TAI-SAW-TY0122A Datasheet
244Kb / 5P
   SMD 5x7 45MHz Crystal Filter
TY0132A TAI-SAW-TY0132A Datasheet
238Kb / 5P
   SMD 5x7 45.15MHz Crystal Filter
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com